Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 38 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 34Page - STMicroelectronics PM8805 Datasheet HTML 35Page - STMicroelectronics PM8805 Datasheet HTML 36Page - STMicroelectronics PM8805 Datasheet HTML 37Page - STMicroelectronics PM8805 Datasheet HTML 38Page - STMicroelectronics PM8805 Datasheet HTML 39Page - STMicroelectronics PM8805 Datasheet HTML 40Page - STMicroelectronics PM8805 Datasheet HTML 41Page - STMicroelectronics PM8805 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Thermal aspects
PM8805
38/48
DS12813 Rev 2
5
Thermal aspects
5.1
Power dissipation
In this paragraph some worst case calculations are performed in order to show the thermal
behavior of the PM8805 in 2-pair and 4-pair PoE operation modes.
Assumptions:
– Worst case current on the 4 MOSFETs at the 4 corner of package: 1A
– MOSFET Ron at 25C 90 mΩ, 1.6x at 125C = 150mΩ
– Worst case current on the hot swap MOSFET: 1A per each 2-pairs
– PoE input voltage= 54 V
– Controller quiescent current consumption= 2 mA
Figure 11 shows four possible 2-pair configurations depending on the polarity and the
Alternative by the PSE.
The max. total power dissipated on each of the 2-pair cases is:
Equation 4
Figure 11. 2-pair power dissipation configurations
The wide central pad has a total thermal load of 0.11+0.15=0.26 W, but it is connected to a
wide copper plane of the PCB (VOUT signal) and not considered critical.
The hot swap is estimated to dissipate about 0.15 W, and can be considered the most
critical point of the device together with the one powered corner pad, also having a thermal
Ptot_2P = 2x ((1A)
2 x 0.15Ohm) + ((1A)2 x 0.15Ohm) + (54V x 2mA)
= 0.3W + 0.15W + 0.11W = 0.56W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com