Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 43 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 39Page - STMicroelectronics PM8805 Datasheet HTML 40Page - STMicroelectronics PM8805 Datasheet HTML 41Page - STMicroelectronics PM8805 Datasheet HTML 42Page - STMicroelectronics PM8805 Datasheet HTML 43Page - STMicroelectronics PM8805 Datasheet HTML 44Page - STMicroelectronics PM8805 Datasheet HTML 45Page - STMicroelectronics PM8805 Datasheet HTML 46Page - STMicroelectronics PM8805 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
DS12813 Rev 2
43/48
PM8805
VFQFPN43 package mechanical data
48
7
VFQFPN43 package mechanical data
7.1
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
The VFQFPN43L is a custom version of the standard VFQFPN56L 8x8 package, where the
large exposed pad is replaced with 6 exp pads: 4 pads at each corner of the body are
electrically connected to the 4-pair inputs:
EP4 is internally connected with IN12 signal (drain of low-side MOSFET related to pair 1-2
of 1st bridge)
EP3 is internally connected with IN36 signal (drain of low-side MOSFET related to pair 3-6
of 1st bridge)
EP2 is internally connected with IN45 signal (drain of low-side MOSFET related to pair 4-5
of 2nd bridge)
EP1 is internally connected with IN78 signal (drain of low-side MOSFET related to pair 7-8
of 2nd bridge)
while a large, central exp pad is connected to VOB as well as the last exp pad, relevant to
the hot swap circuit:
EP5 is internally connected with VOB signal (drain of 4 high-side MOSFETs of both bridges,
common positive output voltage)
EP6 is internally connected with VOB signal (drain of the hot swap MOSFET)
The VFQFPN43L package is designed in order to guarantee the creepage distance
between signals at different voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com