Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8805 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 1 Page - STMicroelectronics

  PM8805 Datasheet HTML 1Page - STMicroelectronics PM8805 Datasheet HTML 2Page - STMicroelectronics PM8805 Datasheet HTML 3Page - STMicroelectronics PM8805 Datasheet HTML 4Page - STMicroelectronics PM8805 Datasheet HTML 5Page - STMicroelectronics PM8805 Datasheet HTML 6Page - STMicroelectronics PM8805 Datasheet HTML 7Page - STMicroelectronics PM8805 Datasheet HTML 8Page - STMicroelectronics PM8805 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
This is information on a product in full production.
April 2019
DS12813 Rev 2
1/48
PM8805
IEEE 802.3bt PoE-PD interface with embedded dual active bridge
Datasheet - Production data
Features
 Dual active bridge, hot swap MOSFETand
PoE-PD interface in a system-in-package
 100 V N-ch MOSFETs with 0.2 Ω total path
resistance for each active bridge.
 100 V, 0.1 Ω high-side N-ch hot swap MOSFET
 PoE-PD single-signature interface compliant
with IEEE 802.3bt / at / af
 Supports 4-pair PoE applications
 Supports 12 V auxiliary sources
 Identifies which kind of PSE (standard or
legacy) is connected with and provides
successful IEEE802.3bt / at / af classification
indication as a combination of the T0, T1 and
T2 signals (open drain)
 Smart operational modes
 Programmable classification current with
3.3 ms delay.
 Optional Autoclass feature
 Advanced energy-saving MPS timings
 Two-step hot swap current protection: DC with
1 ms delay and short-circuit with 10 us delay.
 Controlled pre-charge of the output capacitor
 PGD signal (open drain) to enable an external
PWM controller.
 Thermal shutdown protection
Applications
 High power wireless data systems
 Security cameras
 Access points
 Public information displays
 PoE lighting systems
Description
The PM8805 is a system-in-package for smart
power supply of Power over Ethernet (PoE)
Powered Devices (PD) and it is applicable for
power level up to 99.9 W.
It embeds: two active bridges and their driving
circuitry, a charge pump to drive the high-side
MOSFETs, the hot swap MOSFET and the
interface compliant with IEEE 802.3bt.
The device performs the physical layer
classification, providing the indication of
successful PSE type identification. A 4-pair PSE
is identified and the information is available by a
dedicated matrix of Tx signals.
The device works with power either from the
Ethernet cable or from an external power source
such as a wall adapter, with possible prevalence
of the auxiliary source with respect to the PoE.
The PM8805 is suitable to build the interface
section of PoE switch mode power supplies
targeting the highest conversion efficiency. It
provides a PGD signal that can be used to enable
a PWM controller, a DC-DC converter or an LED
driver.
VFQFPN43 8x8mm exposed pad
Table 1. Device summary
Part number
Package
Packing
PM8805TR
VFQFPN
8X8X1.0 43L
PITCH 0.5
Tape and reel
www.st.com


Similar Part No. - PM8805

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8805 STMICROELECTRONICS-PM8805 Datasheet
1Mb / 45P
IEEE 802.3bt PoE-PD interface with embedded dual active bridge
19-Dec-2018
PM8805TR STMICROELECTRONICS-PM8805TR Datasheet
1Mb / 45P
IEEE 802.3bt PoE-PD interface with embedded dual active bridge
19-Dec-2018
PM8805 STMICROELECTRONICS-PM8805_V01 Datasheet
1Mb / 45P
IEEE 802.3bt PoE-PD interface with embedded dual active bridge
19-Dec-2018
More results

Similar Description - PM8805

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
IEEE 802.3at PoE High-Power PD Interface
logo
ON Semiconductor
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS23730 TI1-TPS23730 Datasheet
1Mb / 53P
TPS23730 IEEE 802.3bt Type 3 PoE PD with High Efficiency DC-DC Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com