Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 36 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 36 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 32Page - Texas Instruments XIO2000 Datasheet HTML 33Page - Texas Instruments XIO2000 Datasheet HTML 34Page - Texas Instruments XIO2000 Datasheet HTML 35Page - Texas Instruments XIO2000 Datasheet HTML 36Page - Texas Instruments XIO2000 Datasheet HTML 37Page - Texas Instruments XIO2000 Datasheet HTML 38Page - Texas Instruments XIO2000 Datasheet HTML 39Page - Texas Instruments XIO2000 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 150 page
background image
Feature/Protocol Descriptions
24
November 2005
SCPS097B
3.5.1 PCI Port Arbitration
The internal PCI port arbitration logic supports up to six external PCI bus devices plus the bridge. Three options
exist when configuring the bridge arbiter for these seven bus devices: classic PCI arbiter, 128-phase, WRR
time-based arbiter, and 128-phase, WRR aggressive time-based arbiter.
3.5.1.1
Classic PCI Arbiter
The classic PCI arbiter is configured through the classic PCI configuration space at offset DCh. Table 3−5
identifies and describes the registers associated with classic PCI arbitration mode.
Table 3−5. Classic PCI Arbiter Registers
PCI OFFSET
REGISTER NAME
DESCRIPTION
Classic PCI configuration
register DCh
Arbiter control
(see Section 4.69)
Contains a two-tier priority scheme for the bridge and six PCI bus devices. The bridge
defaults to the high priority tier. The six PCI bus devices default to the low priority tier. A
bus parking control bit (bit 7, PARK) is provided.
Classic PCI configuration
register DDh
Arbiter request mask
(see Section 4.70)
Six mask bits provide individual control to block each PCI Bus REQ input. Bit 7
(ARB_TIMEOUT) in the arbiter request mask register enables generating timeout
status if a PCI device does not respond within 16 PCI bus clocks. Bit 6 (AUTO_MASK)
in the arbiter request mask register automatically masks a PCI bus REQ if the device
does not respond after GNT is issued. The AUTO_MASK bit is cleared to disable any
automatically generated mask.
Classic PCI configuration
register DEh
Arbiter time-out status
(see Section 4.71)
When bit 7 (ARB_TIMEOUT) in the arbiter request mask register (see Section 4.70) is
asserted, timeout status for each PCI bus device is reported in this register.
3.5.1.2
128-Phase, WRR Time-Based Arbiter
The 128-phase, WRR time-based arbiter is configured through the PCI express VC extended configuration
space at offset 150h and the device control memory window register map.
The 128-phase, WRR time-based arbiter periodically asserts GNT to a PCI master device based on entries
within a port arbitration table. There are actually two port arbitration tables within the bridge. The first table
is accessed through the PCI Express VC extended configuration register space using configuration read/write
transactions. The second table is internal and is used by the PCI bus arbiter to make GNT decisions. A
configuration register load function exists to transfer the contents of the configuration register table to the
internal table.
The port arbitration table uses a 4-bit field to identify the secondary bus master that receives GNT during each
phase of the time-based WRR arbitration. For the arbiter to recognize a bus master REQ and to generate GNT,
software must allocate at least three consecutive phases to the same port number.
Table 3−6 defines the mapping relationship of the PCI bus devices to a port number in the port arbitration table.
Table 3−6. Port Number to PCI Bus Device Mapping
PORT NUMBER
GNT
PCI DEVICE
0000b
Internal GNT for PCI master state machine
Internal REQ from PCI master state machine
0001b
External GNT0
External REQ0
0010b
External GNT1
External REQ1
0011b
External GNT2
External REQ2
0100b
External GNT3
External REQ3
0101b
External GNT4
External REQ4
0110b
External GNT5
External REQ5
0111b−1111b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com