Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 24 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 24 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 20Page - Texas Instruments XIO2000 Datasheet HTML 21Page - Texas Instruments XIO2000 Datasheet HTML 22Page - Texas Instruments XIO2000 Datasheet HTML 23Page - Texas Instruments XIO2000 Datasheet HTML 24Page - Texas Instruments XIO2000 Datasheet HTML 25Page - Texas Instruments XIO2000 Datasheet HTML 26Page - Texas Instruments XIO2000 Datasheet HTML 27Page - Texas Instruments XIO2000 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 150 page
background image
Introduction
12
November 2005
SCPS097B
Table 2−8. PCI System Terminals (Continued)
SIGNAL
BALL
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
PAR
E02
I/O
PCI
Bus
VCCP
−
PCI bus parity
PERR
F03
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI parity error
PME
M15
I
LV
CMOS
VDD_33_
COMBIO
Pullup
resistor per
PCI spec
PCI power management event. This terminal may be used to
detect PME events from a PCI device on the secondary bus.
Note: The PME input buffer has hysteresis.
REQ5
REQ4
REQ3
REQ2
REQ1
REQ0
B13
B12
B11
C10
C09
B08
I
PCI
Bus
VCCP
If unused, a
weak pullup
resistor per
PCI spec
PCI request inputs. These signals are used for arbitration on the
secondary PCI bus when an external arbiter is not used. REQ0
is used as the GNT for the bridge when an external arbiter is
used.
PRST
U03
O
PCI
Bus
VCCP
−
PCI reset. This terminal is an output to the secondary PCI bus.
SERR
E01
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI system error
STOP
F02
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI stop
TRDY
G03
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
PCI target ready
Table 2−9. Reserved Terminals
SIGNAL
BALL
I/O
TYPE
DESCRIPTION
RSVD
N15, N16, P16, R08, T08, T10, T11, T12, T14,
T15, T17, U09, U11, U12, U13, U14, U15, U16
O
Reserved, do not connect to external signals.
RSVD
R16
I
Must be connected to VDD_33.
RSVD
D16, D17, P17, R09, T09, U10
I
Must be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com