Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 26 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 26 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 22Page - Texas Instruments XIO2000 Datasheet HTML 23Page - Texas Instruments XIO2000 Datasheet HTML 24Page - Texas Instruments XIO2000 Datasheet HTML 25Page - Texas Instruments XIO2000 Datasheet HTML 26Page - Texas Instruments XIO2000 Datasheet HTML 27Page - Texas Instruments XIO2000 Datasheet HTML 28Page - Texas Instruments XIO2000 Datasheet HTML 29Page - Texas Instruments XIO2000 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 150 page
background image
Introduction
14
November 2005
SCPS097B
Table 2−10. Miscellaneous Terminals (Continued)
SIGNAL
BALL
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
GRST
N17
I
LV
CMOS
VDD_33_
COMBIO
Global reset input. Asynchronously resets all logic in device,
including sticky bits and power management state machines.
Note: The GRST input buffer has both hysteresis and an internal
active pullup.
LOCK
U04
I/O
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
This terminal functions as PCI LOCK when bit 12 (LOCK_EN) is
set in the general control register (see Section 4.65).
Note: In lock mode, an external pullup resistor is required to
prevent the LOCK signal from floating.
M66EN
R01
I
PCI
Bus
VCCP
Pullup
resistor per
PCI spec
66-MHz mode enable
0 = Secondary PCI bus and clock outputs operate at 33 MHz
1 = Secondary PCI bus and clock outputs operate at 66 MHz
Note: If the PCI bus clock is always 33 MHz, then this terminal is
connected to VSS.
SERIRQ
T04
I/O
PCI
Bus
VCCP
Pullup or
pulldown
resistor
Serial IRQ interface. This terminal functions as a serial IRQ
interface if a pullup is detected when PERST is deasserted. If a
pulldown is detected, then the serial IRQ interface is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com