Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 45 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 45 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 41Page - Texas Instruments XIO2000 Datasheet HTML 42Page - Texas Instruments XIO2000 Datasheet HTML 43Page - Texas Instruments XIO2000 Datasheet HTML 44Page - Texas Instruments XIO2000 Datasheet HTML 45Page - Texas Instruments XIO2000 Datasheet HTML 46Page - Texas Instruments XIO2000 Datasheet HTML 47Page - Texas Instruments XIO2000 Datasheet HTML 48Page - Texas Instruments XIO2000 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 150 page
background image
Feature/Protocol Descriptions
33
November 2005
SCPS097B
3.10.1
Serial-Bus Interface Implementation
To enable the serial-bus interface, a pullup resistor must be implemented on the SDA signal. At the rising edge
of PERST or GRST, whichever occurs later in time, the SDA terminal is checked for a pullup resistor. If one
is detected, then bit 3 (SBDETECT) in the serial-bus control and status register (see Section 4.58) is set.
Software may disable the serial-bus interface at any time by writing a 0b to the SBDETECT bit. If no external
EEPROM is required, then the serial-bus interface is permanently disabled by attaching a pulldown resistor
to the SDA signal.
The bridge implements a two-terminal serial interface with 1 clock signal (SCL) and 1 data signal (SDA). The
SCL signal is a unidirectional output from the bridge and the SDA signal is bidirectional. Both are open-drain
signals and require pullup resistors. The bridge is a bus master device and drives SCL at approximately
60 kHz during data transfers and places SCL in a high-impedance state (0 frequency) during bus idle states.
The serial EEPROM is a bus slave device and must acknowledge a slave address equal to A0h. Figure 3−14
illustrates an example application implementing the two-wire serial bus.
GPIO4 // SCL
GPIO5 // SDA
VDD_33
A0
A1
A2
SCL
SDA
XIO2000
Serial
EEPROM
Figure 3−14. Serial EEPROM Application
3.10.2
Serial-Bus Interface Protocol
All data transfers are initiated by the serial-bus master. The beginning of a data transfer is indicated by a start
condition, which is signaled when the SDA line transitions to the low state while SCL is in the high state, as
illustrated in Figure 3−15. The end of a requested data transfer is indicated by a stop condition, which is
signaled by a low-to-high transition of SDA while SCL is in the high state, as shown in Figure 3−15. Data on
SDA must remain stable during the high state of the SCL signal, as changes on the SDA signal during the high
state of SCL are interpreted as control signals, that is, a start or stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com