Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 100 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 100 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 96Page - Texas Instruments XIO2000 Datasheet HTML 97Page - Texas Instruments XIO2000 Datasheet HTML 98Page - Texas Instruments XIO2000 Datasheet HTML 99Page - Texas Instruments XIO2000 Datasheet HTML 100Page - Texas Instruments XIO2000 Datasheet HTML 101Page - Texas Instruments XIO2000 Datasheet HTML 102Page - Texas Instruments XIO2000 Datasheet HTML 103Page - Texas Instruments XIO2000 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 150 page
background image
PCI Express Extended Configuration Space
88
November 2005
SCPS097B
Table 5−1. PCI Express Extended Configuration Register Map (Continued)
REGISTER NAME
OFFSET
VC arbitration table (phase 31 − phase 24)
18Ch
Reserved
190h – 1BCh
Port arbitration table for VC1 (phase 7 – phase 0)
1C0h
Port arbitration table for VC1 (phase 15 – phase 8)
1C4h
Port arbitration table for VC1 (phase 23 – phase 16)
1C8h
Port arbitration table for VC1 (phase 31 – phase 24)
1CCh
Port arbitration table for VC1 (phase 39 – phase 32)
1D0h
Port arbitration table for VC1 (phase 47 – phase 40)
1D4h
Port arbitration table for VC1 (phase 55 – phase 48)
1D8h
Port arbitration table for VC1 (phase 63 – phase 56)
1DCh
Port arbitration table for VC1 (phase 71 – phase 64)
1E0h
Port arbitration table for VC1 (phase 79 – phase 72)
1E4h
Port arbitration table for VC1 (phase 87 – phase 80)
1E8h
Port arbitration table for VC1 (phase 95 – phase 88)
1ECh
Port arbitration table for VC1 (phase 103 – phase 96)
1F0h
Port arbitration table for VC1 (phase 111 – phase 104)
1F4h
Port arbitration table for VC1 (phase 119 – phase 112)
1F8h
Port arbitration table for VC1 (phase 127 – phase 120)
1FCh
Reserved
200h – FFCh
5.1
Advanced Error Reporting Capability ID Register
This read-only register identifies the linked list item as the register for PCI Express advanced error reporting
capabilities. The register returns 0001h when read.
PCI Express extended register offset:
100h
Register type:
Read-only
Default value:
0001h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5.2
Next Capability Offset/Capability Version Register
This read-only register identifies the next location in the PCI Express extended capabilities link list. If bit 12
(VC_CAP_EN) in the general control register (offset D4h, see Section 4.65) is 0b, then the upper 12 bits in
this register are 000h, indicating the end of the linked list. If VC_CAP_EN is 1b, then the upper 12 bits in this
register are 150h, indicating the existance of the VC capability structure at offset 150h. The four least
significant bits identify the revision of the current capability block as 1h.
PCI Express extended register offset:
102h
Register type:
Read-only
Default value:
XX01h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
x
0
x
0
x
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com