Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 28 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 28 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 24Page - Texas Instruments XIO2000 Datasheet HTML 25Page - Texas Instruments XIO2000 Datasheet HTML 26Page - Texas Instruments XIO2000 Datasheet HTML 27Page - Texas Instruments XIO2000 Datasheet HTML 28Page - Texas Instruments XIO2000 Datasheet HTML 29Page - Texas Instruments XIO2000 Datasheet HTML 30Page - Texas Instruments XIO2000 Datasheet HTML 31Page - Texas Instruments XIO2000 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 150 page
background image
Feature/Protocol Descriptions
16
November 2005
SCPS097B
Please see the power-up sequencing diagram in Figure 3−2.
VDD_15 and
VDDA_15
VDD_33 and
VDDA_33
VCCP
REFCLK
PERST
100 ms
100
µs
Figure 3−2. Power-Up Sequence
3.1.2 Power-Down Sequence
1.
Assert PERST to the device.
2.
Remove the reference clock.
3.
Remove VCCP clamp voltage.
4.
Remove 3.3-V and 1.5-V voltages.
Please see the power-down sequencing diagram in Figure 3−3. If the VDD_33_AUX terminal is to remain
powered after a system shutdown, then the bridge power-down sequence is exactly the same as shown in
Figure 3−3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com