Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 20 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 20 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 16Page - Texas Instruments XIO2000 Datasheet HTML 17Page - Texas Instruments XIO2000 Datasheet HTML 18Page - Texas Instruments XIO2000 Datasheet HTML 19Page - Texas Instruments XIO2000 Datasheet HTML 20Page - Texas Instruments XIO2000 Datasheet HTML 21Page - Texas Instruments XIO2000 Datasheet HTML 22Page - Texas Instruments XIO2000 Datasheet HTML 23Page - Texas Instruments XIO2000 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 150 page
background image
Introduction
8
November 2005
SCPS097B
Table 2−2. XIO2000 Signal Names Sorted Alphabetically (Continued)
SIGNAL NAME
BGA BALL #
SIGNAL NAME
BGA BALL #
SIGNAL NAME
BGA BALL #
VDD_33
M03
VSS
G08
VSS
L08
VDD_33
P09
VSS
G09
VSS
L09
VDD_33
P10
VSS
G10
VSS
L10
VDD_33
P11
VSS
G11
VSS
L11
VDD_33
R05
VSS
G17
VSS
N03
VDD_33
R14
VSS
H07
VSS
P08
VDD_33
T13
VSS
H08
VSS
R04
VDD_33_AUX
K14
VSS
H09
VSS
R06
VDD_33_COMB
K16
VSS
H10
VSS
R10
VDD_33_COMBIO
L14
VSS
H11
VSS
R11
VDDA_15
F17
VSS
J07
VSS
R12
VDDA_15
G15
VSS
J08
VSS
R13
VDDA_15
J14
VSS
J09
VSS
R17
VDDA_15
J15
VSS
J10
VSSA
B17
VDDA_33
D15
VSS
J11
VSSA
E15
VDDA_33
K15
VSS
K04
VSSA
F15
VSS
C05
VSS
K07
VSSA
F16
VSS
C14
VSS
K08
VSSA
G14
VSS
D03
VSS
K09
VSSA
G16
VSS
D08
VSS
K10
VSSA
H15
VSS
D11
VSS
K11
VSSA
J16
VSS
G04
VSS
K17
VSSA
L15
VSS
G07
VSS
L07
WAKE
M16
2.8
Terminal Descriptions
Table 2−3 through Table 2−10 give a description of the terminals. These terminals are grouped in tables by
functionality. Each table includes the terminal name, terminal number, I/O type, and terminal description.
The following list describes the different input/output cell types that appear in the terminal description tables:
•
HS DIFF IN = High speed differential input.
•
HS DIFF OUT = High speed differential output.
•
PCI BUS = PCI bus 3-state bidirectional buffer with 3.3-V or 5.0-V clamp rail.
•
LV CMOS = 3.3-V low voltage CMOS input or output with 3.3-V clamp rail.
•
BIAS = Input/output terminals that generate a bias voltage to determine a driver’s operating current.
•
Feed through = these terminals connect directly to macros within the part and not through an input or
output cell.
•
PWR = Power terminal
•
GND = Ground terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com