Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 21 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 21 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 17Page - Texas Instruments XIO2000 Datasheet HTML 18Page - Texas Instruments XIO2000 Datasheet HTML 19Page - Texas Instruments XIO2000 Datasheet HTML 20Page - Texas Instruments XIO2000 Datasheet HTML 21Page - Texas Instruments XIO2000 Datasheet HTML 22Page - Texas Instruments XIO2000 Datasheet HTML 23Page - Texas Instruments XIO2000 Datasheet HTML 24Page - Texas Instruments XIO2000 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 150 page
background image
Introduction
9
November 2005
SCPS097B
Table 2−3. Power Supply Terminals
SIGNAL
BALL
I/O
TYPE
EXTERNAL
PARTS
DESCRIPTION
VCCP
A04, J01
PWR
Bypass
capacitors
5.0-V or 3.3-V PCI bus clamp voltage to set maximum I/O voltage
tolerance of the secondary PCI bus signals
VDD_15
D09, H14, J04,
P07, P15
PWR
Bypass
capacitors
1.5-V digital core power terminals
VDDA_15
F17, J14, J15,
G15
PWR
Pi filter
1.5-V analog power terminal
VDD_33
C06, C13, D10,
E03, H04, M03,
P09, P10, P11,
R05, R14, T13
PWR
Bypass
capacitors
3.3-V digital I/O power terminals
VDD_33_AUX
K14
PWR
Bypass
capacitors
3.3-V auxiliary power terminal
Note: This terminal is connected to VSS through a pulldown resistor if
no auxiliary supply is present.
VDDA_33
D15, K15
PWR
Pi filter
3.3-V analog power terminal
Table 2−4. Ground Terminals
SIGNAL
BALL
I/O
TYPE
DESCRIPTION
VSS
C05, C14, D03, D08, D11, G04,
G17, K04, K17, N03, P08, R04,
R06, R10, R11, R12, R13, R17
GND
Digital ground terminals
VSS
G07, G08, G09, G10, G11, H07,
H08, H09, H10, H11, J07, J08,
J09, J10, J11, K07, K08, K09,
K10, K11, L07, L08, L09, L10, L11
GND
Ground terminals for thermally-enhanced package
VSSA
B17, E15, F15, F16, G14, G16,
H15, J16, L15
GND
Analog ground terminal
Table 2−5. Combined Power Outputs
SIGNAL
BALL
I/O
TYPE
EXTERNAL
PARTS
DESCRIPTION
VDD_15_COMB
M17
Feed
through
Bypass
capacitors
Internally-combined 1.5-V main and VAUX power output for external bypass
capacitor filtering. Supplies all internal 1.5-V circuitry powered by VAUX.
Caution: Do not use this terminal to supply external power to other devices.
VDD_33_COMB
K16
Feed
through
Bypass
capacitors
Internally-combined 3.3-V main and VAUX power output for external bypass
capacitor filtering. Supplies all internal 3.3-V circuitry powered by VAUX.
Caution: Do not use this terminal to supply external power to other devices.
VDD_33_COMBIO
L14
Feed
through
Bypass
capacitors
Internally-combined 3.3-V main and VAUX power output for external bypass
capacitor filtering. Supplies all internal 3.3-V input/output circuitry powered by
VAUX.
Caution: Do not use this terminal to supply external power to other devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com