Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 42 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 42 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 38Page - Texas Instruments XIO2000 Datasheet HTML 39Page - Texas Instruments XIO2000 Datasheet HTML 40Page - Texas Instruments XIO2000 Datasheet HTML 41Page - Texas Instruments XIO2000 Datasheet HTML 42Page - Texas Instruments XIO2000 Datasheet HTML 43Page - Texas Instruments XIO2000 Datasheet HTML 44Page - Texas Instruments XIO2000 Datasheet HTML 45Page - Texas Instruments XIO2000 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 150 page
background image
Feature/Protocol Descriptions
30
November 2005
SCPS097B
Table 3−12. Interrupt Mapping In The Code Field
INTERRUPT
CODE FIELD
INTA
00
INTB
01
INTC
10
INTD
11
+0
+1
+2
+3
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Byte 0>
R
Fmt
Type
R
TC
Reserved
T
E
Attr
R
Length
Byte 0>
R
0
1
1
0
1
0
0
R
0
0
0
Reserved
D
P
0
0
R
0
0
0
0
0
0
0
0
0
0
Byte 4>
Requester ID
Tag
Code
Byte 4>
Requester ID
Tag
0
0
1
0
0
0
x
x
Byte 8>
Reserved
Byte 12>
Reserved
Figure 3−8. PCI Express ASSERT_INTX Message
+0
+1
+2
+3
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Byte 0>
R
Fmt
Type
R
TC
Reserved
T
E
Attr
R
Length
Byte 0>
R
0
1
1
0
1
0
0
R
0
0
0
Reserved
D
P
0
0
R
0
0
0
0
0
0
0
0
0
0
Byte 4>
Requester ID
Tag
Code
Byte 4>
Requester ID
Tag
0
0
1
0
0
1
x
x
Byte 8>
Reserved
Byte 12>
Reserved
Figure 3−9. PCI Express DEASSERT_INTX Message
3.8
PME Conversion to PCI Express Messages
When the PCI bus PME input transitions low, the bridge generates and sends a PCI Express PME message
upstream. The requester ID portion of the PME message uses the stored value in the secondary bus number
register as the bus number, 0 as the device number, and 0 as the function number. The Tag field for each PME
message is 00h. A PME message is sent periodically until the PME signal transitions high.
Figure 3−10 illustrates the format for a PCI Express PME message.
+0
+1
+2
+3
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Byte 0>
R
Fmt
Type
R
TC
Reserved
T
E
Attr
R
Length
Byte 0>
R
0
1
1
0
0
0
0
R
0
0
0
Reserved
D
P
0
0
R
0
0
0
0
0
0
0
0
0
0
Byte 4>
Requester ID
Tag
Code
Byte 4>
Requester ID
Tag
0
0
0
1
1
0
0
0
Byte 8>
Reserved
Byte 12>
Reserved
Figure 3−10. PCI Express PME Message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com