Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 37 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 37 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 33Page - Texas Instruments XIO2000 Datasheet HTML 34Page - Texas Instruments XIO2000 Datasheet HTML 35Page - Texas Instruments XIO2000 Datasheet HTML 36Page - Texas Instruments XIO2000 Datasheet HTML 37Page - Texas Instruments XIO2000 Datasheet HTML 38Page - Texas Instruments XIO2000 Datasheet HTML 39Page - Texas Instruments XIO2000 Datasheet HTML 40Page - Texas Instruments XIO2000 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 150 page
background image
Feature/Protocol Descriptions
25
November 2005
SCPS097B
To enable the 128-phase, WRR time-based arbiter, two configuration registers must be written. Bit 1
(PORTARB_LEVEL_1_EN) in the upstream isochrony control register at offset 04h (see Section 6.4) within
the device control memory window register map must be asserted. The VC1 resource control register at offset
170h within the PCI Express VC extended configuration space has a PORT_ARB_SELECT field that must
be set to 100b (see Section 5.22).
Table 3−7 identifies and describes the registers associated with 128-phase, WWR time-based arbitration
mode.
Table 3−7. 128-Phase, WRR Time-Based Arbiter Registers
REGISTER OFFSET
REGISTER NAME
DESCRIPTION
PCI Express VC extended
configuration registers
1C0h to 1FCh
Port arbitration table
(see Section 5.28)
16-doubleword sized configuration registers that are the registered version of the
128-phase, WRR port arbitration table. Each port arbitration table entry is a 4-bit
field.
PCI Express VC extended
configuration register 170h
VC1 resource control
(see Section 5.25)
Bits 19:17 (PORT_ARB_SELECT) equal to 100b define the port arbitration
mechanism as 128-phase WRR.
Bit 16 (LOAD_PORT_TABLE), when written with a 1b, transfers the port arbitration
table configuration register values to the internal registers used by the PCI bus
arbiter.
PCI Express VC extended
configuration register 176h
VC1 resource status
(see Section 5.26)
Bit 0 (PORT_TABLE_STATUS) equal to 1b indicates that the port arbitration table
configuration registers were updated but not loaded into the internal arbitration
table.
Device control memory
window register 04h
Upstream isochrony
control (see Section 6.4)
Bit 1 (PORTARB_LEVEL_1_EN) must be asserted to enable the 128-phase, WRR
time-based arbiter.
3.5.1.3
128-Phase, WRR Aggressive Time-Based Arbiter
The last option for PCI port arbitration is 128-phase, WRR aggressive time-based arbitration mode. This
arbitration mode performs the same as isochronous mode arbitration, but with one difference. When an
isochronous timing event occurs, the PCI bus arbiter deliberately stops a secondary bus master in the middle
of the transaction to assure that isochrony is preserved. The register setup for this arbitration option is the
same as the 128-phase, WRR time-based arbiter option with the following addition. Bit 2
(PORTARB_LEVEL_2_EN) in the device control memory window upstream isochrony control register at offset
04h must be asserted (see Section 6.4).
3.5.2 PCI Isochronous Windows
The bridge has four separate windows that allow PCI bus-initiated memory transactions to be labeled with a
PCI Express traffic class (TC) beyond the default TC0. Each window designates a range of PCI memory space
that is mapped to a specified TC label. This advance feature is configured through the device control memory
window register map.
Table 3−8 identifies and describes the registers associated with isochronous arbitration mode.
Table 3−8. PCI Isochronous Windows
REGISTER OFFSET
REGISTER NAME
DESCRIPTION
Device control memory
window register 08h
Upstream isochronous window 0
control (see Section 6.5)
Bits 3:1 (ISOC_WINDOW_EN) indicate that memory addresses within the
base and limit addresses are mapped to a specific traffic class ID.
Bit 0 (TC_ID) identifies the specific traffic class ID.
Note: Memory-mapped register space exists for four upstream windows.
Only window 0 is included in this table.
Device control memory
window register 0Ch
Upstream isochronous window 0
base address (see Section 6.6)
Window 0 base address
Device control memory
window register 10h
Upstream isochronous window 0
limit address (see Section 6.7)
Window 0 limit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com