Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 101 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 101 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 97Page - STMicroelectronics LSM6DSV16X Datasheet HTML 98Page - STMicroelectronics LSM6DSV16X Datasheet HTML 99Page - STMicroelectronics LSM6DSV16X Datasheet HTML 100Page - STMicroelectronics LSM6DSV16X Datasheet HTML 101Page - STMicroelectronics LSM6DSV16X Datasheet HTML 102Page - STMicroelectronics LSM6DSV16X Datasheet HTML 103Page - STMicroelectronics LSM6DSV16X Datasheet HTML 104Page - STMicroelectronics LSM6DSV16X Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 196 page
background image
9.71
UI_SPI2_SHARED_3 (68h)
UI / SPI2 shared register 3 (R/W)
Table 186. UI_SPI2_SHARED_3 register
D7
D6
D5
D4
D3
D2
D1
D0
Table 187. UI_SPI2_SHARED_3 register description
D[7:0]
Volatile byte is used as a contact point between the primary and secondary interface host. These shared
registers are accessible only by one interface at a time and access is managed through the UI_SHARED_ACK
and UI_SHARED_REQ bits of register UI_HANDSHAKE_CTRL (64h) and the SPI2_SHARED_ACK and
SPI2_SHARED_REQ bits of register SPI2_HANDSHAKE_CTRL (6Eh).
9.72
UI_SPI2_SHARED_4 (69h)
UI / SPI2 shared register 4 (R/W)
Table 188. UI_SPI2_SHARED_4 register
D7
D6
D5
D4
D3
D2
D1
D0
Table 189. UI_SPI2_SHARED_4 register description
D[7:0]
Volatile byte is used as a contact point between the primary and secondary interface host. These shared
registers are accessible only by one interface at a time and access is managed through the UI_SHARED_ACK
and UI_SHARED_REQ bits of register UI_HANDSHAKE_CTRL (64h) and the SPI2_SHARED_ACK and
SPI2_SHARED_REQ bits of register SPI2_HANDSHAKE_CTRL (6Eh).
9.73
UI_SPI2_SHARED_5 (6Ah)
UI / SPI2 shared register 5 (R/W)
Table 190. UI_SPI2_SHARED_5 register
D7
D6
D5
D4
D3
D2
D1
D0
Table 191. UI_SPI2_SHARED_5 register description
D[7:0]
Volatile byte is used as a contact point between the primary and secondary interface host. These shared
registers are accessible only by one interface at a time and access is managed through the UI_SHARED_ACK
and UI_SHARED_REQ bits of register UI_HANDSHAKE_CTRL (64h) and the SPI2_SHARED_ACK and
SPI2_SHARED_REQ bits of register SPI2_HANDSHAKE_CTRL (6Eh).
LSM6DSV16X
UI_SPI2_SHARED_3 (68h)
DS13510 - Rev 1
page 101/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com