Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 102 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 102 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 98Page - STMicroelectronics LSM6DSV16X Datasheet HTML 99Page - STMicroelectronics LSM6DSV16X Datasheet HTML 100Page - STMicroelectronics LSM6DSV16X Datasheet HTML 101Page - STMicroelectronics LSM6DSV16X Datasheet HTML 102Page - STMicroelectronics LSM6DSV16X Datasheet HTML 103Page - STMicroelectronics LSM6DSV16X Datasheet HTML 104Page - STMicroelectronics LSM6DSV16X Datasheet HTML 105Page - STMicroelectronics LSM6DSV16X Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 196 page
background image
9.74
CTRL_EIS (6Bh)
Gyroscope EIS channel control register (R/W)
Table 192. CTRL_EIS register
ODR_G_EIS_1
ODR_G_EIS_0
0(1)
LPF_G_EIS_BW
G_EIS_ON_G_
OIS_OUT_REG
FS_G_EIS_2
FS_G_EIS_1
FS_G_EIS_0
1. This bit must be set to 0 for the correct operation of the device.
Table 193. CTRL_EIS register description
ODR_G_EIS_[1:0]
Enables and selects the ODR of the gyroscope EIS channel.
(00: EIS channel is off (default);
01: 1.92 kHz;
10: 960 Hz;
11: reserved)
LPF_G_EIS_BW
Gyroscope digital LPF_EIS filter bandwidth selection. Refer to Table 194.
G_EIS_ON_G_OIS_OUT_REG
Enables routing gyroscope EIS output to OIS from UI output addresses (2Eh – 33h). When
this bit is set to 1, the gyroscope OIS data cannot be read from primary interface. Default
value: 0
(0: disabled; 1: enabled)
FS_G_EIS_[2:0]
Gyroscope full-scale selection for EIS channel. If the FS_G_[3:0] bits in CTRL6 (15h) are
equal to 1100 (±4000 dps), FS_G_EIS_[2:0] must be set to “100” in order to have ±4000 dps
full scale on both UI and EIS channels. If the FS_G_3 bit in register CTRL6 (15h) is equal to
0, the EIS channel full scale can be selected as follows:
(000: ±125 dps (default);
001: ±250 dps;
010: ±500 dps;
011: ±1000 dps;
100: ±2000 dps;
101: reserved;
110: reserved;
111: reserved)
Table 194. Gyroscope EIS chain digital LPF_EIS filter bandwidth selection
ODR_G_EIS_[1:0]
Gyroscope EIS ODR [Hz]
LPF_G_EIS_BW
Cutoff [Hz]
Phase @ 20 Hz [°]
01
1.92 kHz
0
153 Hz
-13.5°
1
203 Hz
-10.8°
10
960
0
148 Hz
-15.4°
1
193 Hz
-12.7°
LSM6DSV16X
CTRL_EIS (6Bh)
DS13510 - Rev 1
page 102/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com