Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 112 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 112 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 108Page - STMicroelectronics LSM6DSV16X Datasheet HTML 109Page - STMicroelectronics LSM6DSV16X Datasheet HTML 110Page - STMicroelectronics LSM6DSV16X Datasheet HTML 111Page - STMicroelectronics LSM6DSV16X Datasheet HTML 112Page - STMicroelectronics LSM6DSV16X Datasheet HTML 113Page - STMicroelectronics LSM6DSV16X Datasheet HTML 114Page - STMicroelectronics LSM6DSV16X Datasheet HTML 115Page - STMicroelectronics LSM6DSV16X Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 196 page
background image
11.4
SPI2_OUTX_L_G_OIS (22h) and SPI2_OUTX_H_G_OIS (23h)
Angular rate sensor pitch axis (X) angular rate output register (R). The value is expressed as a 16-bit word in
two’s complement.
Data are according to the gyroscope full-scale and ODR (7.68 kHz) settings of the OIS gyroscope.
Table 227. SPI2_OUTX_L_G_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 228. SPI2_OUTX_H_G_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 229. SPI2_OUTX_H_G_OIS register description
D[15:0]
Gyroscope OIS chain pitch axis (X) angular rate output value
11.5
SPI2_OUTY_L_G_OIS (24h) and SPI2_OUTY_H_G_OIS (25h)
Angular rate sensor roll axis (Y) angular rate output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the gyroscope full-scale and ODR (7.68 kHz) settings of the OIS gyroscope.
Table 230. SPI2_OUTY_L_G_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 231. SPI2_OUTY_H_G_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 232. SPI2_OUTY_H_G_OIS register description
D[15:0]
Gyroscope OIS chain roll axis (Y) angular rate output value
LSM6DSV16X
SPI2_OUTX_L_G_OIS (22h) and SPI2_OUTX_H_G_OIS (23h)
DS13510 - Rev 1
page 112/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com