Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 114 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 114 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 110Page - STMicroelectronics LSM6DSV16X Datasheet HTML 111Page - STMicroelectronics LSM6DSV16X Datasheet HTML 112Page - STMicroelectronics LSM6DSV16X Datasheet HTML 113Page - STMicroelectronics LSM6DSV16X Datasheet HTML 114Page - STMicroelectronics LSM6DSV16X Datasheet HTML 115Page - STMicroelectronics LSM6DSV16X Datasheet HTML 116Page - STMicroelectronics LSM6DSV16X Datasheet HTML 117Page - STMicroelectronics LSM6DSV16X Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 196 page
background image
11.8
SPI2_OUTY_L_A_OIS (2Ah) and SPI2_OUTY_H_A_OIS (2Bh)
Linear acceleration sensor Y-axis output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the accelerometer full scale and ODR (7.68 kHz) settings of the OIS accelerometer.
Table 239. SPI2_OUTY_L_A_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 240. SPI2_OUTY_H_A_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 241. SPI2_OUTY_H_A_OIS register description
D[15:0]
Accelerometer OIS chain Y-axis linear acceleration output value
11.9
SPI2_OUTZ_L_A_OIS (2Ch) and SPI2_OUTZ_H_A_OIS (2Dh)
Linear acceleration sensor Z-axis output register (R). The value is expressed as a 16-bit word in two’s
complement.
Data are according to the accelerometer full scale and ODR (7.68 kHz) settings of the OIS accelerometer.
Table 242. SPI2_OUTZ_L_A_OIS register
D7
D6
D5
D4
D3
D2
D1
D0
Table 243. SPI2_OUTZ_H_A_OIS register
D15
D14
D13
D12
D11
D10
D9
D8
Table 244. SPI2_OUTZ_H_A_OIS register description
D[15:0]
Accelerometer OIS chain Z-axis linear acceleration output value
11.10
SPI2_HANDSHAKE_CTRL (6Eh)
Control register (SPI2 side) for UI / SPI2 shared registers (R/W)
Table 245. SPI2_HANDSHAKE_CTRL register
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
SPI2_
SHARED_REQ
SPI2_
SHARED_ACK
1. This bit must be set to 0 for the correct operation of the device.
Table 246. SPI2_HANDSHAKE_CTRL register description
SPI2_SHARED_REQ
This bit is used by the auxiliary SPI (SPI2) interface master to request access to the
UI_SPI2_SHARED_0 (65h) through UI_SPI2_SHARED_5 (6Ah) registers. When the R/W operation
is finished, the master must reset this bit.
SPI2_SHARED_ACK
Auxiliary SPI (SPI2) interface side. This bit acknowledges the handshake. If the primary interface is
not accessing the shared registers, this bit is set to 1 by the device and the R/W operation on the
UI_SPI2_SHARED_0 (65h) through UI_SPI2_SHARED_5 (6Ah) registers is allowed on the auxiliary
SPI interface.
LSM6DSV16X
SPI2_OUTY_L_A_OIS (2Ah) and SPI2_OUTY_H_A_OIS (2Bh)
DS13510 - Rev 1
page 114/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com