Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 15 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 15 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 11Page - ESS Technology,Inc ES9218PC Datasheet HTML 12Page - ESS Technology,Inc ES9218PC Datasheet HTML 13Page - ESS Technology,Inc ES9218PC Datasheet HTML 14Page - ESS Technology,Inc ES9218PC Datasheet HTML 15Page - ESS Technology,Inc ES9218PC Datasheet HTML 16Page - ESS Technology,Inc ES9218PC Datasheet HTML 17Page - ESS Technology,Inc ES9218PC Datasheet HTML 18Page - ESS Technology,Inc ES9218PC Datasheet HTML 19Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
15
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Standby Mode
For lowest power consumption, the following should be performed to enter stand-by mode:
Shut down the amplifier portion of the chip with Register 32: Amplifier Configuration (0x20)
1. Pull RESETB low. This will:
a. Shut off the DACs, oscillator and internal regulators.
b. Force all digital I/O pins into tri-state mode
2. If XI is supplied externally, it should be stopped at a logic low level
3. Disable any power supplies connected to the chip
To resume from standby mode:
1. Enable all power supplies
2. Pull RESETB up
3. Reinitialize all registers
To resume from standby mode, bring RESETB to a logic-high and reinitialize all registers.
OPERATION Mode
RESETB
GPIO2
HiFi Mode
(DAC & HPA: ON, AUX SW: OFF)
H
X
AUX Mode
(DAC & HPA: OFF, AUX SW: ON)
L
H
Standby(Shutdown) Mode
(DAC, HPA, AUX SW: OFF)
L
L
DVDD Supply
The ES9218P is equipped with a regulated DVDD supply powered from AVDD. The internal DVDD regulator should be decoupled to DGND with a
capacitor that maintains a minimum value of 1
F at 1.2V over the target operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com