Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 50 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 50 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 46Page - ESS Technology,Inc ES9218PC Datasheet HTML 47Page - ESS Technology,Inc ES9218PC Datasheet HTML 48Page - ESS Technology,Inc ES9218PC Datasheet HTML 49Page - ESS Technology,Inc ES9218PC Datasheet HTML 50Page - ESS Technology,Inc ES9218PC Datasheet HTML 51Page - ESS Technology,Inc ES9218PC Datasheet HTML 52Page - ESS Technology,Inc ES9218PC Datasheet HTML 53Page - ESS Technology,Inc ES9218PC Datasheet HTML 54Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
50
Register 10: Master Mode and Sync Configuration (0x0A)
Bits
[7]
[6:5]
[4]
[3:0]
Mnemonic
master_mode
master_div
128fs_mode
lock_speed
Default
1’b0
2’b00
1’b0
4’d2
Bit
Mnemonic
Description
[7]
master_mode
Enables master mode which causes the ES9218P to drive the DATA_CLK and DATA1 signals when in
I2S mode. Can also be enabled when in DSD mode to enable DATA_CLK only.
•
1’b0: disables master mode (default)
•
1’b1: enables master mode
[6:5]
master_div
Sets the frame clock (DATA1) and DATA_CLK frequencies when in master mode. This register is used
when in normal synchronous operation.
•
2’b00: DATA_CLK frequency = CLK/2 (default)
•
2’b01: DATA_CLK frequency = CLK/4
•
2’b10: DATA_CLK frequency = CLK/8
•
2’b11: DATA_CLK frequency = CLK/16
See Master Mode for more details.
[4]
128fs_mode
Disable ASRC and enables synchronous operation:
•
1’b0: disables CLK = 128*FSR mode (default)
•
1’b1: enables CLK = 128*FSR mode
DATA_CLK and CLK must be synchronous and the audio sample rate must be exactly 128*FSR:
������������������
������������������
= 128
[3:0]
lock_speed
Sets the number of audio samples required before the DPLL and ASRC lock to the incoming signal
during asynchronous operation. More audio samples give a better initial estimate of the CLK/FSR ratio
at the expense of a longer locking interval.
•
4’d0: 16384 FS edges
•
4’d1: 8192 FS edges
•
4’d2: 5461 FS edges (default)
•
4’d3: 4096 FS edges
•
4’d4: 3276 FS edges
•
4’d5: 2730 FS edges
•
4’d6: 2340 FS edges
•
4’d7: 2048 FS edges
•
4’d8: 1820 FS edges
•
4’d9: 1638 FS edges
•
4’d10: 1489 FS edges
•
4’d11: 1365 FS edges
•
4’d12: 1260 FS edges
•
4’d13: 1170 FS edges
•
4’d14: 1092 FS edges
•
4’d15: 1024 FS edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com