Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 41 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 41 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 37Page - ESS Technology,Inc ES9218PC Datasheet HTML 38Page - ESS Technology,Inc ES9218PC Datasheet HTML 39Page - ESS Technology,Inc ES9218PC Datasheet HTML 40Page - ESS Technology,Inc ES9218PC Datasheet HTML 41Page - ESS Technology,Inc ES9218PC Datasheet HTML 42Page - ESS Technology,Inc ES9218PC Datasheet HTML 43Page - ESS Technology,Inc ES9218PC Datasheet HTML 44Page - ESS Technology,Inc ES9218PC Datasheet HTML 45Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
41
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 2: Mixing, Serial Data and Automute Configuration (0x02)
Bits
[7:6]
[5]
[4]
[3:2]
[1:0]
Mnemonic
automute_config
analog_automute
automute_timer_fast
ch2_mix_sel
ch1_mix_sel
Default
2’b00
1’b1
1’b1
2’b01
2’b00
Bit
Mnemonic
Description
[7:6]
automute
config
Configures the automute state machine, which allows the ES9218P to perform different power
saving and sound optimizations.
•
2’b00: normal operation (default)
•
2’b01: perform a mute when an automute condition is asserted
•
2’b10: ramp all channels to ground when an automute condition is asserted
•
2’b11: perform a mute and then ramp all channels to ground when an automute
condition is asserted
Note: Ramping the internal DAC outputs to ground can reduce the power consumption of the
ES9218P in some situations.
Note: The ramp speed can be changed by using the automute_time, volume_rate and
soft_start_rate registers.
[5]
analog_automute
Allows the analog volume control to be driven to -24dB of full scale when an automute condition
occurs.
•
1’b0: analog volume control is left ‘as programmed’ when an automute occurs
•
1’b1: analog volume control is pushed to -24dB when an automute occurs
[4]
automute_timer_fast
If disabled, the automute time is multiplied by 8, resulting in a longer delay before an automute
event is triggered.
•
1’b0: automute time is calculated by the regular formula (see Register 4: Automute
Time (0x04)) multiplied by 8
•
1’b1: automute time is calculated by the regular formula (default)
[3:2]
ch2_mix_sel
Selects which data is mapped to DAC Right (OUT_R)
•
2’b00: ch1
•
2’b01: ch2 (default)
•
2’b10: reserved
•
2’b11: reserved
[1:0]
ch1_mix_sel
Selects which data is mapped to DAC Left (OUT_L)
•
2’b00: ch1 (default)
•
2’b01: ch2
•
2’b10: reserved
•
2’b11: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com