Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 75 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 75 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 71Page - ESS Technology,Inc ES9218PC Datasheet HTML 72Page - ESS Technology,Inc ES9218PC Datasheet HTML 73Page - ESS Technology,Inc ES9218PC Datasheet HTML 74Page - ESS Technology,Inc ES9218PC Datasheet HTML 75Page - ESS Technology,Inc ES9218PC Datasheet HTML 76Page - ESS Technology,Inc ES9218PC Datasheet HTML 77Page - ESS Technology,Inc ES9218PC Datasheet HTML 78Page - ESS Technology,Inc ES9218PC Datasheet HTML 79Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
75
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 47: Analog Control Override (0x2F)
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
enfcb
encp_oe
enaux_oe
cpl_ens
cpl_enw
sel3v3_ps
ensm_ps
sel3v3_cph
Default
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
Bit
Mnemonic
Description
[7]
enfcb
Enables the fast charge of the analog reference.
•
1’b0: analog reference will be charged as quickly as possible (default)
•
1’b1: analog reference will be charged at a slower rate
[6]
encp_oe
Allows the digital core to override the charge pump settings.
•
1’b0: charge pump settings are controlled via the GPIO2 pin (default)
•
1’b1: charge pump settings are controlled via the digital override bits
[5]
enaux_oe
Allows the digital core to override the output switch settings.
•
1’b0: output switch is controlled via the GPIO2 pin (default)
•
1’b1: output switch is controlled via the enaux register
[4]
cpl_ens
Enables the small charge pump and places it into strong mode. The small charge pump powers
the pre-amplifier of the headphone amp.
•
1’b0: small charge pump (strong mode) is disabled (default)
•
1’b1: small charge pump (strong mode) is enabled
•
Note: encp_oe must be set to 1’b1 for the digital core to control the charge pump.
[3]
cpl_enw
Enables the small charge pump and places it into weak mode. The small charge pump powers
the pre-amplifier of the headphone amp.
•
1’b0: small charge pump (weak mode) is disabled (default)
•
1’b1: small charge pump (weak mode) is enabled
•
Note: encp_oe must be set to 1’b1 for the digital core to control the charge pump.
[2]
sel3v3_ps
Configures the voltage of the positive power supply of the output stage.
•
1’b0: uses 1.8V for the positive power supply of the output stage (default)
•
1’b1: uses 3.3V for the positive power supply of the output stage
[1]
ensm_ps
Allows for a smooth transition between 1.8V and 3.3V on the positive power supply. This bit
should be configured to 1’b0 immediately before changing the sel3v3_ps bit. Once sel3v3_ps
has been set to the required value, then ensm_ps can be set back to 1’b1 for normal operation.
•
1’b0: configure the positive supply for a transition between 1.8V and 3.3V (default)
•
1’b1: normal operation
[0]
sel3v3_cph
Configures the voltage of the negative power supply of the output stage.
•
1’b0: uses 1.8V for the negative power supply of the output stage (default)
•
1’b1: uses 3.3V for the negative power supply of the output stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com