Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 16 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 16 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 12Page - ESS Technology,Inc ES9218PC Datasheet HTML 13Page - ESS Technology,Inc ES9218PC Datasheet HTML 14Page - ESS Technology,Inc ES9218PC Datasheet HTML 15Page - ESS Technology,Inc ES9218PC Datasheet HTML 16Page - ESS Technology,Inc ES9218PC Datasheet HTML 17Page - ESS Technology,Inc ES9218PC Datasheet HTML 18Page - ESS Technology,Inc ES9218PC Datasheet HTML 19Page - ESS Technology,Inc ES9218PC Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
16
Programmable FIR filter
A two stage interpolating FIR design is used. The interpolating FIR filter is generated using MATLAB, and can then be downloaded using a custom
C code.
Example Source Code for Loading a Filter
// only accept 128 or 16 coefficients
// Note:
The coefficients must be quantized to 24 bits for this method!
// Note:
Stage 1 consists of 128 values (0-127 being the coefficients)
// Note:
Stage 2 consists of 16 values (0-13 being the coefficients, 14-15 are zeros)
// Note:
Stage 2 is symmetric about coefficient 13.
See the example filters for more information.
byte reg40 = (byte)(coeffs.Count == 128 ? 0 : 128);
for (int i = 0; i < coeffs.Count; i++)
{
// stage 1 contains 128 coefficients, while stage 2 contains 16 coefficients
registers.WriteRegister(40, (byte)(reg26 + i));
// write the coefficient data
registers.WriteRegister(41, (byte)(coeffs[i] & 0xff));
registers.WriteRegister(42, (byte)((coeffs[i] >> 8) & 0xff));
registers.WriteRegister(43, (byte)((coeffs[i] >> 16) & 0xff));
registers.WriteRegister(44, 0x02);
// set the write enable bit
}
// disable the write enable bit when we’re done
registers.WriteRegister(44, (byte)(setEvenBit ? 0x04 : 0x00));
For more information on programming a custom filter, contact your local FAE.
OSF Bypass
The oversampling FIR filter can be bypassed using bypass_osf in Register 7: Filter Bandwidth and System Mute (0x07), sourcing data directly
into the IIR filter. The audio input should be oversampled at 8 x fs rate when OSF is bypassed to have the same IIR filter bandwidth as PCM
audio sampled at fs rate. For example, an external signal at 44.1kHz can be oversampled externally to 8 x 44.1kHz = 352.8kHz and then applied
to the serial decoder in either I2S or LJ format. The maximum sample rate that can be applied is 768kHz (8 x 96kHz).
DSD Filter
A DSD filter with cutoff at 47kHz scaled by fs/44100 is available. See DSD FILTER Characteristics for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com