Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 23 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 23 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 19Page - ESS Technology,Inc ES9218PC Datasheet HTML 20Page - ESS Technology,Inc ES9218PC Datasheet HTML 21Page - ESS Technology,Inc ES9218PC Datasheet HTML 22Page - ESS Technology,Inc ES9218PC Datasheet HTML 23Page - ESS Technology,Inc ES9218PC Datasheet HTML 24Page - ESS Technology,Inc ES9218PC Datasheet HTML 25Page - ESS Technology,Inc ES9218PC Datasheet HTML 26Page - ESS Technology,Inc ES9218PC Datasheet HTML 27Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
23
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Analog Performance
Test Conditions (unless otherwise stated)
1. TA = 25oC, VCCA =+3.3V, AVDD = +1.8V, internal DVDD with 4.7F ±20% decoupling, fs = 44.1kHz, XI(MCLK) = 38MHz & 32-bit data
2. SNR/DNR: A-weighted over 20Hz-20kHz in averaging mode, Reference 2.0Vrms, HiFi2V mode.
THD+N: un-weighted over 20Hz-20kHz bandwidth
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
32
Bits
CLK (PCM normal mode)
Note *1
128FSR
50M
Hz
CLK (PCM OSF bypass mode)
24FSR
CLK (DSD mode)
3FSR
DYNAMIC PERFORMANCE (digital input to headphone amplifier output @ HiFi Mode)
Full Scale Output
0dBFS 600
2.0
2.06
Vrms
SNR
Zero input 600
 (Note *3)
136
dB-A
DNR
–60dBFS 600
121
dB-A
THD+N
2Vrms into 300
-112
dB
OUTPUT AMPLIFIER
Output offset voltage
Note *2
TBD
mV
AUXILIARY ANALOG INPUTS
Input voltage
1.0
Vrms
Digital Filter Performance
Mute Attenuation
127
dB
PCM Filter Characteristics (Linear Phase Fast Roll Off)
Pass band
0.002dB
0.453 x fs
Hz
–3dB
0.484 x fs
Hz
Stop band
< –120dB
0.55 x fs
Hz
Group Delay
35 / fs
s
PCM Filter Characteristics (Linear Phase Slow Roll Off)
Pass band
0.01dB
0.357 x fs
Hz
–3dB
0.450 x fs
Hz
Stop band
< –82dB
0.639 x fs
Hz
Group Delay
8.75 / fs
s
PCM Filter Characteristics (Minimum Phase Fast Roll Off)
Pass band
0.005dB
0.453 x fs
Hz
–3dB
0.491 x fs
Hz
Stop band
< –100dB
0.547 x fs
Hz
Group Delay
5.4 / fs
s
PCM Filter Characteristics (Minimum Phase Slow Roll Off)
Pass band
0.015dB
0.363 x fs
Hz
–3dB
0.435 x fs
Hz
Stop band
< -97dB
0.634 x fs
Hz
Group Delay
3.5 / fs
s
PCM Filter Characteristics (Apodizing Fast Roll Off Type 1)
Pass band
0.075dB
0.409 x fs
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com