Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 54 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 54 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 50Page - ESS Technology,Inc ES9218PC Datasheet HTML 51Page - ESS Technology,Inc ES9218PC Datasheet HTML 52Page - ESS Technology,Inc ES9218PC Datasheet HTML 53Page - ESS Technology,Inc ES9218PC Datasheet HTML 54Page - ESS Technology,Inc ES9218PC Datasheet HTML 55Page - ESS Technology,Inc ES9218PC Datasheet HTML 56Page - ESS Technology,Inc ES9218PC Datasheet HTML 57Page - ESS Technology,Inc ES9218PC Datasheet HTML 58Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
54
Register 14: Soft Start Configuration (0x0E)
Bits
[7]
[6]
[5]
[4:0]
Mnemonic
soft_start
reserved
soft_start_type
soft_start_time
Default
1’b0
1’b0
1’b0
5’d10
Bit
Mnemonic
Description
[7]
soft_start
Controls the soft start/ramp to ground action. Only functions when the dig_over_en bit is set in
Register 46: Analog Control Override (0x2E).
•
1’b0 Ramps the DAC outputs to ground (default)
•
1’b1 Ramps the DAC outputs to AVCC_DAC/2
[6]
reserved
[5]
soft_start_type
Sets whether the soft start ramp is linear or a quadratic function.
•
1’b0: uses the standard soft start ramp (default)
•
1’b1: uses a quadratic function for the soft start ramp
[4:0]
soft start time
Sets the amount of time that it takes to perform a DAC soft start ramp. This time affects both
ramp down to ground and ramp up to mute (AVCC_DAC/2). Values from 0 to 20 are valid.
time (s) = 4096 ∗
2(soft_start_time+1)
CLK (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com