Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 22 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 22 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 18Page - ESS Technology,Inc ES9218PC Datasheet HTML 19Page - ESS Technology,Inc ES9218PC Datasheet HTML 20Page - ESS Technology,Inc ES9218PC Datasheet HTML 21Page - ESS Technology,Inc ES9218PC Datasheet HTML 22Page - ESS Technology,Inc ES9218PC Datasheet HTML 23Page - ESS Technology,Inc ES9218PC Datasheet HTML 24Page - ESS Technology,Inc ES9218PC Datasheet HTML 25Page - ESS Technology,Inc ES9218PC Datasheet HTML 26Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
22
Recommended Operating Conditions
Notes:
1) fs = 44.1kHz, external XI = 27MHz, auto clock gearing, I2S input, output unloaded, internal DVDD, all external supply voltages at
nominal values.
DC Electrical Characteristics
PARAMETER
SYMBOL
MINIMUM
MAXIMUM
UNIT
COMMENTS
High-level input voltage
VIH
AVDD / 2 + 0.4
V
Low-level input voltage
VIL
0.4
V
High-level output voltage
VOH
AVDD – 0.2
V
IOH = 1.5mA
Low-level output voltage
VOL
0.2
V
IOL = 7.5mA
PARAMETER
SYMBOL
CONDITIONS
Operating temperature
TA
–20
C to +70C
Power
Supply
Symbol
Voltage
Nominal Current / Power Consumption (Note 1)
HiFi 2V mode
HiFi 1V mode AUX mode Standby mode
Digital I/O
AVDD
+1.8V
5%
7.2 mA
10.3 mA
3 uA
3 uA
Analog
core
VCCA
+3.3V
5%
9.0 mA
2.8 mA
185 uA
TBD
Analog
power
AVCC_18
AVCC_33
+1.8V
5%
+3.3V
5%
0 mA
11.0 mA
3.4 mA
5.5 mA
172 uA
742 uA
1 uA
1 uA
Internally
Generated
DVDD
AVCC_DAC
PNEG
PNEG_VC
+1.2V
5%
+1.25, 1.4, 2.5 or 2.8V
5%
-1.8V or -3.3V
5%
-3.3V
5%
Total
79 mW
52 mW
3.4 mW
< 1mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com