Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 18 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 18 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 14Page - ESS Technology,Inc ES9218PC Datasheet HTML 15Page - ESS Technology,Inc ES9218PC Datasheet HTML 16Page - ESS Technology,Inc ES9218PC Datasheet HTML 17Page - ESS Technology,Inc ES9218PC Datasheet HTML 18Page - ESS Technology,Inc ES9218PC Datasheet HTML 19Page - ESS Technology,Inc ES9218PC Datasheet HTML 20Page - ESS Technology,Inc ES9218PC Datasheet HTML 21Page - ESS Technology,Inc ES9218PC Datasheet HTML 22Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
18
Functional Description – Amplifier and Switch
Charge Pump
The ES9218P includes two charge pumps.
The main low noise charge pump uses a 500kHz switching frequency, which is outside the audio band and therefore does not interfere with audio
signals. The chargepump switches are sequence controlled to minimize pops and clicks. This supply requires a 2.2
F (minimum) ceramic flying
capacitor between pins C1 and C2 and a 22
F (recommended) ceramic hold capacitor from PNEG to AGND_CP. See ES9218PC Reference
Schematic.
The auxiliary charge pump uses the same switching frequency as the main chargepump, so no intermodulation frequencies are generated. It
requires a 1
F (recommended) ceramic flying capacitor across pins C1_VC and C2_VC and a 1F (recommended) ceramic hold capacitor from
PNEG_VC to AGND_CP. See ES9218PC Reference Schematic.
Use capacitors with an Equivalent Series Resistance (ESR) of less than 100mΩ for optimum performance. Low-ESR ceramic capacitors minimize
the output resistance of the main charge pump. For best performance over the extended temperature range select capacitors with a minimum X5R
dielectric, the X7R dielectric is preferred.
Analog Volume Control
ES9218P
Analog volume control (AVC) provides improved noise performance as the gain is reduced. The hardware default programmable analog
gain is -24dB with 1dB steps up to 0dB. See Register 3: Analog Volume Control (0x03).
The AVC is forced to minimum gain until the transition to HiFi mode is complete. The ES9218P follows a programmed timing sequence to
enter HiFi mode. Enabling the AVC is one of the last steps in that sequence. This procedure will not change the value of the analog
volume control register.
See Register 32: Amplifier Configuration (0x20).
Compensation Components
For optimum performance, matched feedback capacitors should be installed between OUT_L and INB_L, IN_L and GSN_L, OUT_R and INB_R,
IN_R and GSN_R. These components set the bandwidth of the headphone amplifier. These capacitors should have a low temperature coefficient,
NP0/C0G type are recommended. See ES9218PC Reference Schematic
The ES9218P includes internal feedback resistors for reduced part-count. 2.2nF NP0/C0G feedback capacitors are recommended to filter out-of-
band noise. (2.2nF equals 70KHz bandwidth @ 0dB analog gain, 2.0nF equals 80KHz bandwidth, and 1.5nF equals 100KHz bandwidth).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com