Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 76 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 76 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 72Page - ESS Technology,Inc ES9218PC Datasheet HTML 73Page - ESS Technology,Inc ES9218PC Datasheet HTML 74Page - ESS Technology,Inc ES9218PC Datasheet HTML 75Page - ESS Technology,Inc ES9218PC Datasheet HTML 76Page - ESS Technology,Inc ES9218PC Datasheet HTML 77Page - ESS Technology,Inc ES9218PC Datasheet HTML 78Page - ESS Technology,Inc ES9218PC Datasheet HTML 79Page - ESS Technology,Inc ES9218PC Datasheet HTML 80Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
76
Register 48: Analog Control (0x30)
Bits
[7]
[6]
[5:4]
[3]
[2]
[1:0]
Mnemonic
reserved
enhpa_out
Reserved
hpa_hiq
en_sep_thd_comp
reserved
Default
1’b0
1’b0
2’b00
1’b0
1’b0
2’b01
Bit
Mnemonic
Description
[7]
reserved
[6]
enhpa_out
Enable the headphone amplifier output stage, active high.
1’b0: disable the headphone output stage (default)
1’b1: enable the headphone output stage
Note: To reduce clicks/pops during power sequencing ENHPA_OUT should be
delayed at least 100us after issuing the ENHPA signal.
[5:4]
reserved
[3]
hpa_hiq
Selects the bias current of the headphone amplifier output stage.
1’b0: Low output bias current (default).
1’b1: High output bias current.
[2]
en_sep_thd_comp
Selects either one set or separate sets of THD coefficients are to be used for channel 1 &
2 THD compensation.
1’b0: one set of coefficients (register 22-25) are used for both channels 1 and 2
(default).
1’b1: a separate set of coefficients (registers 53-56) are used for channel 2.
[1:0]
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com