Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 39 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 39 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 35Page - ESS Technology,Inc ES9218PC Datasheet HTML 36Page - ESS Technology,Inc ES9218PC Datasheet HTML 37Page - ESS Technology,Inc ES9218PC Datasheet HTML 38Page - ESS Technology,Inc ES9218PC Datasheet HTML 39Page - ESS Technology,Inc ES9218PC Datasheet HTML 40Page - ESS Technology,Inc ES9218PC Datasheet HTML 41Page - ESS Technology,Inc ES9218PC Datasheet HTML 42Page - ESS Technology,Inc ES9218PC Datasheet HTML 43Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
39
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 0: System Registers (0x00)
Bits
[7:4]
[3:2]
[1]
[0]
Mnemonic
osc_drv
clk_gear
reserved
soft_reset
Default
4’b0000
2’b00
1’b0
1’b0
Bit
Mnemonic
Description
[7:4]
osc_drv
Oscillator drive specifies the bias current to the oscillator pad.
4’b0000: full bias (default)
4’b1000: ¾ bias
4’b1100: ½ bias
4’b1110: ¼ bias
4’b1111: shut down the oscillator
[3:2]
clk_gear
Configures a clock divider network that can reduce the power consumption of the chip by
reducing the clock frequency supplied to both the digital core and analog stages.
2’b00: uses CLK = XI(MCLK) (default)
2’b01: divides CLK = XI(MCLK) by 2
2’b10: divides CLK = XI(MCLK) by 4
2’b11: divides CLK = XI(MCLK) by 8
[1]
reserved
[0]
soft_reset
Software configurable hardware reset with the ability to reset the design to its initial power -on
configuration.
1’b0: normal operation (default)
1’b1: resets the ES9218P to its power-on defaults
Note: This register will always read as “1’b0” as the power-on default for this register is “1’b0”.
A reset can be verified by checking the status of other modified registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com