Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218PC Datasheet(PDF) 101 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 101 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 93Page - ESS Technology,Inc ES9218PC Datasheet HTML 94Page - ESS Technology,Inc ES9218PC Datasheet HTML 95Page - ESS Technology,Inc ES9218PC Datasheet HTML 96Page - ESS Technology,Inc ES9218PC Datasheet HTML 97Page - ESS Technology,Inc ES9218PC Datasheet HTML 98Page - ESS Technology,Inc ES9218PC Datasheet HTML 99Page - ESS Technology,Inc ES9218PC Datasheet HTML 100Page - ESS Technology,Inc ES9218PC Datasheet HTML 101Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 101 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
101
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Ordering Information
Part Number
Description
Package
ES9218PC
SABRE 32-bit Low Power Stereo DAC with Headphone Amplifier, Analog Volume
Control, and Output Switch, on-chip feedback resistors
41-ball CSP
ES9218PQ
SABRE 32-bit Low Power Stereo DAC with Headphone Amplifier, Analog Volume
Control, and Output Switch, on-chip feedback resistors
40 pin QFN
Revision History
Current Version 1.8
Rev.
Date
Notes
1.0
November 15, 2016
Initial release
1.1
December 9, 2016
Updated CSP Mechanical Dimensions
1.2
December 13, 2016
Register 8, GPIO Modes - Added OCP interrupts to list of interrupts. Changed name to “Interrupt”
from “automute/lock interrupt”
Register 11 - oc_sd_mute and oc_sd_gain descriptions
Register 33 - Changed from reserved to Interrupt Mask. Added descriptions.
Register 65 – Changed from reserved to ocbr and ocbl. Added descriptions.
Register 72 - Changed oc_sd_mute description.
1.3
December 14, 2016
Added overcurrent protection to amplifier functional description.
Removed notes with duplicate information from Serial Control Interface.
Register 7 – Rename Corrected Minimum Phase Fast Roll-Off to Hybrid Fast Roll-Off
Register 14 – Changed soft_start from reserved to supported.
Register 33 – Separated 2bit registers into 1 bit registers.
Register 46 – Corrected register bits and descriptions
Register 48 – Changed hpa_hiq from reserved to supported.
Register 55-56 – added missing register information.
Register 65 – Separated 2 bit registers into 1 bit registers. Added description for clk_gear_rb
Register 72 – Separated 2 bit registers into 1 bit registers. Corrected dop_status to dop_select.
41 Ball CSP Top View Marking updated
1.4
March 21, 2017
Added External Powered Oscillator/MCLK diagram, Crystal diagram, and Non-Optimal Crystal
Circuitry diagram and explanation to Recommended Power Up Sequence section
1.5
November, 28, 2017
Removed ESS logo from 40-Pin QFN pin diagram.
1.6
February, 2, 2018
Update QUAD DAC™ notation
1.7
November 15, 2018
Added Low Power Audio DAC description, removed Advanced Information
1.8
December 6, 2018
Update Hyperstream® II and Hi Fi ® notations.
ESS IC's are not intended, authorized, or warranted for use as components in military applications, medical devices or life support systems. ESS assumes no liability whatsoever and
disclaims any expressed, implied or statutory warranty for use of ESS IC's in such unsuitable applications.
No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic, mechanical, manual, optical, or otherwise,
without the prior written permission of ESS Technology, Inc. ESS Technology, Inc. makes no representations or warranties regarding the content of this document. All specifications
are subject to change without prior notice. ESS Technology, Inc. assumes no responsibility for any errors contained herein. U.S. patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com