Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 11Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 12Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 13Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 14Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Page 15 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
14. PERFORMANCE
14.1. ACQUISITION TIME
TTFF (Time To First Fix) – is the period of time from the module’s power-up till position estimation.
14.1.1. HOT START
Hot Start results either from a software reset after a period of continuous navigation or a return
from a short idle period that was preceded by a period of continuous navigation.
During Hot Start all critical data (position, velocity, time, and satellite ephemeris) is valid to the
specified accuracy and available in RAM.
14.1.2. SIGNAL REACQUISITION
Reacquisition follows temporary blocking of GNSS signals.
Typical reacquisition scenario includes driving through tunnel.
14.1.3. AIDED START
Aided Start is a method of effectively reducing TTFF by providing valid satellite ephemeris data.
Aiding can be implemented using Ephemeris Push™, CGEE™ or SGEE™.
14.1.4. WARM START
Warm Start typically results from user-supplied position and time initialization data or
continuous RTC operation with an accurate last known position available in RAM.
In this state position and time data are present and valid, but satellite ephemeris data validity
has expired.
14.1.5. COLD START
Cold Start occurs when satellite ephemeris data, position and time data are unknown.
Typical Cold Start scenario includes first power application.
TABLE 5 – ACQUISITION TIME
Notes:
1. EVK is 24-hrs. static under signal conditions of -130dBm and ambient temperature of +25°C.
2. Outage duration ≤ 30s.
OPERATION¹
MODE
VALUE
UNIT
Hot Start
< 1
s
Aided Start
< 10
s
Warm Start
GPS + GLONASS
< 26
s
GPS
< 32
s
Cold Start
GPS + GLONASS
< 27
s
GPS
< 35
s
Signal Reacquisition
< 1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com