Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 24Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 25Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 26Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 27Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 28Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 29Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Page 26 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
17.5. DATA INTERFACE
ORG4572 module has 3 types of interface ports to connect to host - UART, SPI or I²C – all multiplexed
on a shared set of pads. At system reset host port interface lines are disabled, so no conflict occurs.
Logic values on CTS
̅̅̅̅̅ and RTS
̅̅̅̅̅ are read by the module during startup and define host port type.
External resistor of 10kΩ is recommended. Pull-up resistor is referenced to 1.8V.
PORT TYPE
CTS
̅̅̅̅̅
RTS
̅̅̅̅̅
UART
External pull-up
Internal pull-up
SPI (default)
Internal pull-down
Internal pull-up
I²C
Internal pull-down
External pull-down
TABLE 11 – HOST INTERFACE SELECT
17.5.1. UART
Multi Spider ORG4572 has a standard UART port:
TX used for GNSS data reports. Output logic high voltage level is LVCMOS 1.8V compatible.
RX used for receiver control. Input logic high voltage level is 1.45V tolerable up to 3.6V.
UART flow control using CTS
̅̅̅̅̅ and RTS
̅̅̅̅̅ lines is disabled by default.
Can be turned on by sending OSP® Message ID 178, Sub ID 2 input command.
17.5.2. UART BAUD RATE AND PROTOCOL SELECTION
Logic values on GPIO1 and GPIO2 are read by the module during startup and define UART baud
rate and protocol. Internal pull-up resistors set default protocol to NMEA @ 4,800bps.
Those resistors are 2.2kΩ each and referenced to 1.8V.
External straps of 0Ω, or temporary assertions prior to startup can be used to override defaults.
PROTOCOL
BAUD RATE
GPIO1
GPIO2
NMEA (default)
4,800 (default)
Internal pull-up
Internal pull-up
NMEA
9,600
Internal pull-up
External strap
NMEA
38,400
External strap
Internal pull-up
OSP®
115,200
External strap
External strap
TABLE 12 – UART BAUD RATE AND PROTOCOL SELECT
17.5.3. SPI
SPI host interface features are:
Slave SPI Mode 1, supports clock up to 6.8MHz.
RX and TX have independent 2-byte idle patterns of ‘0xA7 0xB4’.
TX and RX each have independent 1024 byte FIFO buffers.
TX FIFO is disabled when empty and transmits its idle pattern until re-enabled.
RX FIFO detects a software specified number of idle pattern repeats and then disables FIFO
input until the idle pattern is broken.
FIFO buffers can generate an interrupt at any fill level.
SPI detects synchronization errors and can be reset by software.
Output is LVCMOS 1.8V compatible. Inputs are tolerable up to 3.6V.
17.5.4. I²C
I²C host interface features are:
I
2C Multi-Master Mode - module initiates clock and data, operating speed 400kbps.
I
2C address ‘0x60’ for RX and ‘0x62’ for TX.
Individual transmit and receive FIFO length of 64 bytes.
I
2C host interface mode can be switched slave (Multi-master default), clock rate can be
switched 100KHz (default 400KHz), address can be changed (default 0x62 for TX FIFO and
0x60 for RX FIFO) by sending OSP® Message ID 178, Sub ID 2 input command.
SCL and SDA are pseudo open-drain lines, therefore require external pull-up resistors of
2.2kΩ to 1.8V, or 3.3kΩ to 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com