Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 26Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 27Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 28Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 29Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 30Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 31Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 32Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 33Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Page 30 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
19.2. HOST PCB
FIGURE 15 – HOST PCB
19.3. RF TRACE
0.002
0.051
0.008
0.204
0.005
0.127
inch
millimeter
FIGURE 16 – TYPICAL MICROSTRIP PCB TRACE ON FR-4 SUBSTRATE
19.4. PCB STACK-UP
Signals
Signals or Power
Ground
CS
PS
LN
.
.
.
Ground
Ground
L2
Signals
{
controlled
impedance 50Ω
FIGURE 17 – TYPICAL PCB STACK-UP
19.5. PCB LAYOUT RESTRICTIONS
Switching and high-speed components, traces and vias must be kept away from ORG4572 module.
Signal traces to/from module should have minimum length.
Recommended minimal distance from adjacent active components is 3mm.
Ground pads must be connected to host PCB Ground with shortest possible traces or vias.
In case of tight integration constrain or co-location with adjacent high speed components like CPU or
memory, high frequency components like transmitters, clock resonators or oscillators, LCD panels or
CMOS image sensors, contact OriginGPS for application specific recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com