Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 32Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 33Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 34Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 35Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 36Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 37Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 38Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 39Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
Page 36 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
TABLE 15 – SOLDERING PROFILE PARAMETERS
23.4. CLEANING
If flux cleaning is required, module is capable to withstand standard cleaning process in vapor
degreaser with the Solvon® n-Propyl Bromide (NPB) solvent and/or washing in DI water.
Avoid cleaning process in ultrasonic degreaser, since specific vibrations may cause performance
degradation or destruction of internal circuitry.
23.5. REWORK
If localized heating is required to rework or repair the module, precautionary methods are required to
avoid exposure to solder reflow temperatures that can result in permanent damage to the device.
23.6. ESD SENSITIVITY
This product is ESD sensitive device and must be handled with care.
23.7. SAFETY INFORMATION
Improper handling and use can cause permanent damage to the product.
23.8. DISPOSAL INFORMATION
This product must not be treated as household waste.
For more detailed information about recycling electronic components contact your local waste
management authority.
SYMBOL PARAMETER
MIN
TYP
MAX
UNIT
TC
Classification Temperature
245
°C
TP
Package Temperature
245
°C
TL
Liquidous Temperature
217
°C
TS
Soak/Preheat Temperature
150
200
°C
tS
Soak/Preheat Time
60
120
s
tL
Liquidous Time
60
150
s
tP
Peak Time
30
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com