Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 24Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 25Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Page 22 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
16. EXTENDED FEATURES
16.1. ALMANAC BASED POSITIONING (ABP™)
With ABP™ mode enabled, the user can get shorter Cold Start TTFF as tradeoff with position accuracy.
When no sufficient ephemeris data is available to calculate an accurate solution, a coarse solution will
be provided where the position is calculated based on one or more of the GPS satellites, having their
states derived from the almanac data.
Data source for ABP™ may be either stored factory almanac, broadcasted or pushed almanac.
16.2. ACTIVE JAMMER DETECTOR AND REMOVER
Jamming Detector is embedded DSP software block that detects interference signals in GPS L1 and
GLONASS L1 band.
Jamming Remover is additional DPS software block that sort-out Jamming Detector output mitigating
up to 8 interference signals of Continuous Wave (CW) type up to 80dB-Hz each.
FIGURE 7 – ACTIVE JAMMER DETECTOR FREQUENCY PLOT
16.3. CLIENT GENERATED EXTENDED EPHEMERIS (CGEE™)
CGEE™ feature allows shorter TTFFs by providing predicted (synthetic) ephemeris files created within
a non-networked host system from previously received satellite ephemeris data.
The prediction process requires good receipt of broadcast ephemeris data for all satellites.
EE files created this way are good for up to 3 days and then expire.
CGEE™ feature requires avoidance of power supply removal.
CGEE™ data files are stored and managed by host.
16.4. SERVER GENERATED EXTENDED EPHEMERIS (SGEE™)
SGEE™ enables shorter TTFFs by fetching Extended Ephemeris (EE) file downloaded from web server.
Host is initiating periodic network sessions of EE file downloads, storage and provision to module.
There is one-time charge for set-up, access to OriginGPS EE distribution server and end-end testing for
re-distribution purposes, or there is a per-unit charge for each module within direct SGEE™
deployment.
GPS EE files are provided with look-ahead of 1, 3, 7, 14 or 31 days.
GLONASS EE files are provided with look-ahead of 1, 3, 7 or 14 days.
f[GHz]
PCW [dB-Hz]
1.570
1.571
1.572
1.573
1.574
1.575
1.576
1.577
1.578
1.579
1.580
10
20
30
40
50
60
70
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com