Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 8Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 9Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 10Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 11Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 12Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 13Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 14Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Page 12 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
AgilePMU
SMPS
LDO
Auxiliary Subsystem
RTC
Temperature ADC
Power Controller
BBRAM
Host Interface and GPIO
PLL
GNSS Radio
GNSS Engine
Measurement Subsystem
DSP
ROM
RAM
Navigation Subsystem
ARM® CPU
ROM
RAM
Host SPI
Host I
2C
Host UART
FIGURE 2 – SiRFstarV™ 5e GNSS SoC BLOCK DIAGRAM
SiRFstarV™ 5e SoC includes the following units:
GNSS radio subsystem containing single input dual receive paths for concurrent GPS and GLONASS,
harmonic-reject double balanced mixer, fractional-N synthesizer, integrated self-calibrating filters,
IF VGA with AGC, high-sample rate ADCs with adaptive dynamic range.
Measurement subsystem including DSP core for GNSS signals acquisition and tracking, interference
scanner and detector, wideband and narrowband interference removers, multipath and cross-
correlation detectors, dedicated DSP code ROM and DSP cache RAM.
Measurement subsystem interfaces GNSS radio subsystem.
Navigation subsystem comprising ARM7® microprocessor system for position, velocity and time
solution, program ROM, data RAM, cache and patch RAM, MEMS sensor driver, SPI flash driver,
host interface UART, SPI and I²C drivers.
Navigation subsystem interfaces measurement subsystem.
Auxiliary subsystem containing RTC block and health monitor, temperature sensor for reference
clock compensation, battery-backed SRAM for satellite data storage, voltage supervisor with POR,
PLL controller, GPIO controller, 48-bit RTC timer and alarms, CPU watchdog monitor.
Auxiliary subsystem interfaces navigation subsystem, PLL and PMU subsystems.
PMU subsystem containing voltage regulators for RF and baseband domains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com