Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 32Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 33Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 34Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 35Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 36Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 37Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 38Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 39Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Page 37 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
24. MECHANICAL SPECIFICATIONS
ORG4572 module has miniature LGA SMD packaging sized 7mm x 7mm.
ORG4572 built on a PCB assembly enclosed with metallic RF shield box.
On bottom side there are 16+4 SMT pads with Cu base and ENIG plating.
ORG4572 module supports automated pick and place assembly and reflow soldering processes.
FIGURE 21 – MECHANICAL DRAWING
Dimension
Length
Width
Height
Weight
mm
7.00 +0.10/ -0.05
7.00 +0.10/ -0.05
1.4 +0.1/ -0.0
gr
0.2
inch
0.276 +0.004/ -0.002
0.276 +0.004/ -0.001
0.055 +0.004/ -0.0
oz
0.01
TABLE 16 – MECHANICAL SUMMARY
25. COMPLIANCE
The following standards are applied on the production of ORG4572 modules:
IPC-6011/6012 Class2 for PCB manufacturing
IPC-A-600 Class2 for PCB inspection
IPC-A-610D Class2 for SMT acceptability
ORG4572 modules are manufactured in ISO 9001:2008 accredited facilities.
ORG4572 modules are manufactured in ISO 14001:2004 accredited facilities.
ORG4572 modules are manufactured in OHSAS 18001:2007 accredited facilities.
ORG4572 modules are designed, manufactured and handled in compliance with the Directive
2011/65/EU of the European Parliament and of the Council of June 2011 on the Restriction of the use of
certain Hazardous Substances in electrical and electronic equipment, referred as RoHS II.
ORG4572 modules are manufactured and handled in compliance with the applicable substance bans as of
Annex XVII of Regulation 1907/2006/EC on Registration, Evaluation, Authorization and Restriction of
Chemicals including all amendments and candidate list issued by ECHA, referred as REACH.
ORG4572 modules comply with the following EMC standards:
EU CE EN55022:06+A1(07), Class B
US FCC 47CFR Part 15:09, Subpart B, Class B
JAPAN VCCI V-3/2006.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com