Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Page 19 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
15. POWER MANAGEMENT
15.1. POWER STATES
15.1.1. FULL POWER ACQUISITION
ORG4572 module stays in Full Power Acquisition state until a reliable position solution is made.
Switching to GPS-only mode turns off GLONASS RF block lowering power consumption.
15.1.2. FULL POWER TRACKING
Full Power Tracking state is entered after a reliable position solution is achieved.
During this state the processing is less intense compared to Full Power Acquisition, therefore
power consumption is lower.
Full Power Tracking state with navigation update rate at 5Hz consumes more power compared
to default 1Hz navigation.
15.1.3. CPU ONLY
CPU Only is the transitional state of ATP™ power saving mode when the RF and DSP sections are
partially powered off. This state is entered when the satellites measurements have been
acquired, but navigation solution still needs to be computed.
15.1.4. STANDBY
Standby is the transitional state of ATP™ power saving mode when RF and DSP sections are
completely powered off and baseband clock is stopped.
15.1.5. HIBERNATE
ORG4572 module boots into Hibernate state after power supply applied.
During this state RF, DSP and baseband sections are completely powered off leaving only RTC
and Battery-Backed RAM running.
ORG4572 will perform Hot Start if stayed in Hibernate state less than 4 hours from last valid
position solution.
15.2. BASIC POWER SAVING MODE
Basic power saving mode is elaborating host in straightforward way for controlling transfers between
Full Power and Hibernate states.
Current profile of this mode has no hidden cycles of satellite data refresh.
Host may condition transfers by tracking duration, accuracy, satellites in-view or other parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com