Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 13Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 14Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Page 17 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
14.3. POWER CONSUMPTION
TABLE 7 – POWER CONSUMPTION
Notes:
1. Typical values under conducted signal conditions of -130dBm and ambient temperature of +25°C.
2. R01 - Dual-stage LNA standard ordering option.
3. ATP™ mode 200:1 (200ms on-time, 1s period), R01 standard ordering option, GPS-only tracking.
4. PTF™ mode 30:30 (30s max. on-time – 18s typical, 30m period), R01 standard ordering option, GPS-only tracking.
OPERATION
1
MODE
VALUE
UNIT
Acquisition
GPS
81
mW
GPS + GLONASS
99
mW
Tracking
GPS
72
mW
GPS + GLONASS
90
mW
Low Power Tracking
ATP™ Tracking
3
14
mW
PTF™
4
0.81
mW
5m Hibernate: 10s tracking
6
4
mW
Hibernate
90
µW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com