Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 27Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 28Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 29Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 30Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 31Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 32Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 33Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 34Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Page 31 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
20. DESIGN CONSIDERATIONS
20.1. ANTENNA
Antennas for GPS and GLONASS have a wider bandwidth than pure GPS antennas.
Some wideband antennas may not have a good axial ratio to block reflections of RHCP GPS and
GLONASS signals. These antennas have lower rejection of multipath reflections and tend to degrade
the overall performance of the receiver.
20.1.1. PASSIVE ANTENNA
Design with passive antenna requires RF layout skills and can be challenging.
20.1.2. ACTIVE ANTENNA
While designing with active antenna consider using WAKEUP output to control auxiliary DC bias.
20.2. RF
Multi Spider ORG4572 operates with received signal levels down to -167dBm and can be affected by
high absolute levels of RF signals, moderate levels of RF interference near the GNSS bands and by low-
levels of RF noise in the GNSS band.
RF interference from nearby electronic circuits or radio transmitters can contain enough energy to
desensitize ORG4572. These systems may also produce levels of energy outside of GNSS band, high
enough to leak through RF filters and degrade the operation of the radios in ORG4572.
This issue becomes more critical in small products, where there are industrial design constraints.
In that environment, transmitters for Wi-Fi, Bluetooth, RFID, cellular and other radios may have
antennas physically close to the GNSS receiver antenna.
To prevent degraded performance of ORG4572, OriginGPS recommends performing EMI/jamming
susceptibility tests for radiated and conducted noise on prototypes and assessing risks of other factors.
Contact OriginGPS for application specific recommendations and design review services.
21. OPERATION
When power is first applied, ORG4572 goes into a Hibernate state while integrated RTC starts and internal
Finite State Machine (FSM) sequences though to “Ready-to-Start” state.
Host is not required to control external master reset since module’s internal reset circuitry handles detection
of power application.
While in “Ready-to-Start” state, ORG4572 awaits a pulse to the ON_OFF input.
Since integrated RTC startup times are variable, host is required either to wait for a fixed interval or to
monitor a short Low-High-Low pulse on WAKEUP output that indicates FSM “Ready-to-Start” state.
Another option is to repeat a pulse on the ON_OFF input every second until the module starts by either
detecting a stable logic high level on WAKEUP output or neither generation of UART messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com