Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR1 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR1
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR1 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 24Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 25Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 26Page - List of Unclassifed Manufacturers ORG4572-R01-TR1 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Page 23 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
17. INTERFACE
17.1. PAD ASSIGNMENT
TABLE 10 – PIN-OUT
FIGURE 8 – PAD ASSIGNMENT
PAD
NAME
FUNCTION
DIRECTION
1
GND
RF Ground
Power
2
RF_IN
Antenna Signal Input
Analog Input
3
GND
RF Ground
Power
4
WAKEUP
Power Status
Output
5
RESET
̅̅̅̅̅̅̅̅
Asynchronous Reset
Input
6
CTS
̅̅̅̅̅
Interface Select 1
UART Clear To Send
SPI Clock
Bi-directional
7
RTS
̅̅̅̅̅
Interface Select 2
UART Ready To Send
SPI Chip Select
Bi-directional
8
RX
UART Receive
SPI Data In
I²C Data
Bi-directional
9
ON_OFF
Power State Control
Input
10
1PPS
UTC Time Mark
Output
11
TX
UART Transmit
SPI Data Out
I²C Clock
Bi-directional
12
VCC
System Power
Power
13
NC
Not Connected
14
GND
System Ground
Power
15
GPIO1
Baud Rate Select 1
Aux I²C Data
Aux SPI Data In
Bi-directional
16
GPIO2
Baud Rate Select 2
Aux I²C Clock
Aux SPI Clock
Bi-directional
17
NC
Not Connected
18
NC
Not Connected
19
GPIO3
Aux SPI Chip Select
Output
20
GPIO4
Aux SPI Data Out
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com