Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 10Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 11Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 12Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 13Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 14Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 15Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 16Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 17Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Page 14 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
13.2. RECOMMENDED OPERATING CONDITIONS
Exposure to stresses above the Recommended Operating Conditions may affect device reliability.
PARAMETER
SYMBOL
MODE / PAD
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power supply voltage
VCC
VCC
+1.71
+1.80
+1.89
V
Power Supply Current
1
ICC
Acquisition
GPS
45
mA
GPS+GLONASS
55
mA
Tracking
GPS
40
mA
GPS+GLONASS
50
mA
ATP™ Tracking
2
8
mA
CPU only
3
15
mA
Standby
3
0.1
mA
PTF™
4
0.45
mA
MPM™
5
0.5
mA
Hibernate
50
54
µA
Input Voltage Low State
VIL
GPIO
-0.30
+0.40
V
Input Voltage High State
VIH
0.70·VCC
+3.60
V
Output Voltage Low State
VOL
IOL = 2mA
+0.40
V
Output Voltage High State
VOH
IOH = -2mA
0.75·VCC
V
Input Capacitance
CIN
5
pF
Internal Pull-up Resistors
RPU
0.11
1.00
2.75
MΩ
GPIO1, GPIO2
2.2
kΩ
Internal Pull-down Resistor
RPD
0.11
1.00
2.80
MΩ
Input Leakage Current
IIN(leak)
VIN = 1.8V or 0V
-10
+10
µA
Output Leakage Current
IOUT(leak)
VOUT = 1.8V or 0V
-10
+10
µA
Input Impedance
ZIN
RF Input
fIN = 1575.5MHz
50
Ω
Input Return Loss
RLIN
-7
dB
Input Power Range
PIN
GPS or GLONASS
-165
-110
dBm
Input Frequency Range
fIN
1560
1620
MHz
Operating Temperature
TAMB
-40
+25
+85
°C
Storage Temperature
TST
-55
+25
+125
°C
Relative Humidity
7
RH
TAMB
5
95
%
TABLE 4 – RECOMMENDED OPERATING CONDITIONS
Notes:
1. Typical values under conducted signal conditions of -130dBm and ambient temperature of +25°C.
2. ATP™ mode 200:1 (200ms on-time, 1s period), R01 standard ordering option, GPS-only tracking.
3. Transitional states of ATP™ power saving mode.
4. PTF™ mode 30:30 (30s max. on-time – 18s typical, 30m period), R01 standard ordering option, GPS-only tracking.
5. Average current during MPM™ with valid satellite ephemeris data.
6. Longer TTFF is expected while operating below -30°C to -40°C.
7. Relative Humidity is within Operating Temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com