Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 4Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 5Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 6Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 7Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 8Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 9Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 10Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 11Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Page 8 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
SIP System In Package
SMD Surface Mounted Device
SMPS Switched Mode Power Supply
SMT Surface-Mount Technology
SOC System On Chip
SPI Serial Peripheral Interface
SSB® SiRF Standard Binary
SV Satellite Vehicle
TCXO Temperature-Compensated Crystal Oscillator
TTFF Time To First Fix
TTL Transistor-Transistor Logic
UART Universal Asynchronous Receiver/Transmitter
VCCI Voluntary Control Council for Interference by information technology equipment
VEP Vertical Error Probability
VGA Variable-Gain Amplifier
WAAS Wide Area Augmentation System
9. ABOUT SPIDER FAMILY
OriginGPS GNSS receiver modules have been designed to address markets where size, weight, stand-alone
operation, highest level of integration, power consumption and design flexibility - all are very important.
OriginGPS’ Spider family breaks size barrier, offering the industry’s smallest fully-integrated, highly-sensitive
GPS / GNSS modules.
Spider family features OriginGPS' proprietary NFZ™ technology for high sensitivity and noise immunity even
under marginal signal condition, commonly found in urban canyons, under dense foliage or when the
receiver’s position in space rapidly changes.
Spider family enables the shortest TTM (Time-To-Market) with minimal design risks.
Just connect an antenna and power supply on a 2-layer PCB.
10. ABOUT MULTI SPIDER MODULE
Multi Spider ORG4572 module is a complete SiP featuring miniature LGA SMT footprint designed to commit
unique integration features for high volume cost sensitive applications.
Designed to support ultra-compact applications such as smart watches, wearable devices, trackers and
digital cameras, ORG4572 module is a miniature multi-channel GPS/ GLONASS with SBAS, QZSS and other
regional overlay systems receiver that continuously tracks all satellites in view, providing real-time
positioning data in industry’s standard NMEA format.
ORG4572 module offers superior sensitivity and outstanding performance, achieving rapid TTFF in less than
one second, accuracy of approximately one meter, and tracking sensitivity of -165dBm.
Sized only 7mm x 7mm the ORG4572 GNSS module is pin and footprint compatible with OriginGPS’ popular
ORG4472 GPS module.
Multi Spider ORG4572 module integrates LNA, SAW filter, TCXO, RTC crystal and RF shield with market-
leading SiRFstarV™ GNSS SoC.
Multi Spider ORG4572 module is capable to decode extremely weak satellite signals simultaneously from
GPS and GLONASS thereby offering best-in-class positioning availability, unparalleled accuracy and
extremely fast fixes under challenging signal conditions, such as in built-up urban areas, dense foliage or
even indoor.
Internal GNSS SoC incorporating high-performance microprocessor and sophisticated GNSS firmware keeps
positioning payload off the host allowing integration in embedded solutions even with low computing
resources.
Innovative architecture can detect changes in context, temperature, and satellite signals to achieve a state
of near continuous availability by maintaining and opportunistically updating its internal fine time,
frequency, and ephemeris data while consuming mere microwatts of battery power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com