Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 14Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 15Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 16Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 17Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 18Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 19Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 20Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 21Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Page 18 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
14.4. ACCURACY
TABLE 8 – ACCURACY
Notes:
1. Module is static under signal conditions of -130dBm, ambient temperature is +25°C.
2. EVK is 24-hrs. static, ambient temperature is +25°C.
3. Speed over ground ≤ 30m/s.
14.5. DYNAMIC CONSTRAINS
TABLE 9 – DYNAMIC CONSTRAINS
Note:
1. Standard dynamic constrains according to regulatory limitations.
PARAMETER
FORMAT
MODE
VALUE
UNIT
Position¹
Horizontal
CEP (50%)
GPS + GLONASS
< 1.5
m
GPS + SBAS
< 2.0
m
GPS
< 2.5
m
2dRMS (95%)
GPS + GLONASS
< 3.0
m
GPS + SBAS
< 4.0
m
GPS
< 5.0
m
Vertical
VEP (50%)
GPS + GLONASS
< 2.5
m
GPS + SBAS
< 3.5
m
GPS
< 4.0
m
2dRMS (95%)
GPS + GLONASS
< 5.0
m
GPS + SBAS
< 6.5
m
GPS
< 7.5
m
Velocity²
over ground 50% of samples
< 0.01
m/s
Heading
to north
50% of samples
< 0.01
°
Time¹
RMS jitter
1 PPS
≤ 30
ns
PARAMETER
Metric
Imperial
Velocity and Altitude
1
515m/s and 18,288m
1,000knots and 60,000ft
Velocity
600m/s
1,166knots
Altitude
-500m to 24,000m
-1,640ft to 78,734ft
Acceleration
4g
Jerk
5m/s
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com