Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 24Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 25Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 26Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 27Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 28Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 29Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 30Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 31Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Page 28 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
18. TYPICAL APPLICATION CIRCUIT
18.1. PASSIVE ANTENNA
FIGURE 11 – PASSIVE ANTENNA REFERENCE SCHEMATICS
18.2. ACTIVE ANTENNA
FIGURE 12 – ACTIVE ANTENNA REFERENCE SCHEMATICS
18.3. ANTENNA SWITCH
Contact OriginGPS for Application Note covering dual-antenna (on-board and external) design
combining RF switch with auto-sense, DC bias and short-circuit protection.
nCTS
U1
ORG4572-R01
GNSS module
ORIGINGPS
TX
11
RX
8
CTS
6
Vcc
12
GND
1
GND
3
GND
14
RESET
5
ON_OFF
9
1PPS
10
RTS
7
RF_IN
2
WAKEUP
4
GPIO2
16
GPIO1
15
NC
13
GPIO3
19
GPIO4
20
NC
17
NC
18
UART comm.
Inputs are 1.8V - 3.6V
Outputs are 1.8V
TX_GPS
TX
RX
RX_GPS
50 Ohm microstrip
GPS_ON
GPS_ON
RF_IN
ON_OFF
C3
18pF
C1
1uF
R1
10K
R3
47K
C2
18pF
R2
220R
R4
220R
R5
220R
ANT1
GNSS antenna
ORG12-4T-GNSS
ORIGINGPS
GPS_ON
RX
TX
1.8V
1.8V
nRTS_GPS
Active Antenna Bias-T
U1
ORG4572-C01
GNSS module
ORIGINGPS
TX
11
RX
8
CTS
6
Vcc
12
GND
1
GND
3
GND
14
RESET
5
ON_OFF
9
1PPS
10
RTS
7
RF_IN
2
WAKEUP
4
GPIO2
16
GPIO1
15
NC
13
GPIO3
19
GPIO4
20
NC
17
NC
18
nRESET_GPS
U1
__________________
Inputs are 1.8V - 3.6V
Outputs are 1.8V
ON_GPS
U3
ON
NTZD3155CT1G
Dn
6
Gn
2
Sn
1
Dp
3
Gp
5
Sp
4
R6
10K
R5
220R
L1
27nH
MURATA
LQG15HS27NJ02
Vant
Vant
ON_OFF
1PPS_GPS
WAKEUP_GPS
C1
18pF
U4
NFA31
MURATA
3
4
5
6
2
1
10
9
8
7
SPI_CLK
TX_GPS
RX_GPS
R3
2K2
1.8V
1.8V
R7
100K
UART_RX / SPI_MOSI / I2C SDA
UART_TX / SPI_MISO / I2C SCL
SPI_nCS
U2
MURATA
NFM18PC225B0J3
2
3
1
1.8V
C2
1uF
BIAS_EN
R4
2K2
ANT_IN
|R1 = 10K
|
UART|R2,R3,R4 = Do Not Assemble
|
__________________________________
SPI |R1,R2,R3,R4 = Do Not Assemble|
__________________________________
I2C |R2 = 10K
|
|R1 = Do Not Assemble
|
|R3,R4 = 2.2K
|
R2
10K
R1
10K
1.8V
nCTS_GPS
WAKEUP_GPS
RF_IN
J1
RF Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com