Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 17Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 18Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 19Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 20Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 21Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 22Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 23Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 24Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Page 21 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
15.3.3. ADVANCED POWER MANAGEMENT (APM™)
APM™ allows power savings while ensuring that the Quality of the Solution (QoS) in maintained
when signals level drop.
In APM™ mode the module is intelligently cycled between Full Power and Hibernate states.
In addition to setting the position report interval, a QoS specification is available that sets
allowable error estimates and selects priorities between position report interval and more
power saving.
User may select between Duty Cycle Priority for more power saving and Time Between Fixes
(TBF) priority with defined or undefined maximum horizontal error.
TBF range is from 10s to 180s between fixes, Power Duty Cycle range is between 5% to 100%.
Maximum position error is configurable between 1 to 160m.
The number of APM™ fixes is configurable up to 255 or set to continuous.
FIGURE 5 – APM™ TIMING
15.3.4. SiRFAWARE® MICRO POWER MODE (MPM™)
While in SiRFAware® MPM™ ORG4572 determines how much signal processing to do and how
often to do it, so that the module is always able to do Hot start (TTFF < 2 s) on demand.
Module will wake up (typically twice an hour) for 18-24s to collect new satellite ephemeris data.
Ephemeris Data Collection operation consumes power equal to Full Power Tracking state.
Additionally, ORG4572 will wake up once every 1 to 10 minutes for 250ms to update internal
navigation state and clocks calibration. Update operation consumes about 0.2mA, rest of time
module stays in Hibernate state, drawing ≤ 54µA of current.
Host toggles ON_OFF to wake-up module and initiates fix trial.
After valid fix is available, host can turn ORG4572 back into MPM™ by re-sending the command.
Average current consumption over long period during MPM™ is about 0.5mA.
Hibernate
≤ 45s
0.25s
Time
Power On
18-24s
60m
1-10m
User position request
≤ 2s
FIGURE 6 – MPM™ TIMING
Notes:
1. GPS signal level drops (e.g. user walks indoor).
2. Lower signal results in longer ON time. To maintain Duty Cycle Priority, OFF time is increased.
3. Lower signal means missed fix. To maintain future TBFs module goes Full Power state until signal levels improve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com