Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 31Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 32Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 33Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 34Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 35Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 36Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 37Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 38Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Page 35 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
23. HANDLING INFORMATION
23.1. MOISTURE SENSITIVITY
ORG4572 modules are MSL 3 designated devices according to IPC/JEDEC J-STD-033B standard.
Module in sample or bulk package should be baked prior to assembly at 125°C for 48 hours.
23.2. ASSEMBLY
The module supports automatic pick-and-place assembly and reflow soldering processes.
Suggested solder paste stencil is 5 mil to ensure sufficient solder volume.
23.3. SOLDERING
Reflow soldering of the module always on component side (Top side) of the host PCB according to
standard IPC/JEDEC J-STD-020D for LGA SMD.
Avoid exposure of ORG4572 to face-down reflow soldering process.
FIGURE 20 – RECOMMENDED SOLDERING PROFILE
Referred temperature is measured on top surface of the package during the entire soldering process.
Suggested peak reflow temperature is 245°C for 30 sec. for Pb-Free solder paste.
Actual board assembly reflow profile must be developed individually per furnace characteristics.
Reflow furnace settings depend on the number of heating/cooling zones, type of solder paste/flux
used, board design, component density and packages used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com