Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 9Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 10Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 11Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 12Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 13Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 14Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 15Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 16Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Page 13 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
13. ELECTRICAL SPECIFICATIONS
13.1. ABSOLUTE MAXIMUM RATINGS
Stresses exceeding Absolute Maximum Ratings may damage the device.
PARAMETER
SYMBOL
MIN
MAX
UNIT
Power Supply Voltage
VCC
-0.30
+2.20
V
Power Supply Current
1
ICC
150
mA
RF Input Voltage
VRF
-25
+25
V
I/O Voltage
VIO
-0.30
+3.65
V
I/O Source/Sink Current
IIO
-4
+4
mA
ESD Rating
I/O pads
HBM
2 method
VIO(ESD)
-2000
+2000
V
CDM
3 method
-400
+400
V
RF input pad
HBM
2 method
VRF(ESD)
-2000
+2000
V
RF Input Power
fIN = 1560MHz÷1630MHz‎
PRF
0
dBm
fIN <1560MHz, >1630MHz‎
0
dBm
Power Dissipation
PD
350
mW
Operating Temperature
TAMB
-45
+90
°C
Storage Temperature
TST
-55
+150
°C
Lead Temperature
4
TLEAD
+260
°C
TABLE 3 – ABSOLUTE MAXIMUM RATINGS
Notes:
1. Inrush current of up to 150mA for about 20µs duration.
2. Human Body Model (HBM) contact discharge per EIA/JEDEC JESD22-A114D.
3. Charged Device Model (CDM) contact discharge per JEDEC EIA/JESD22-C101.
4. Lead temperature at 1mm from case for 10s duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com