Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 6Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 7Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 8Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 9Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 10Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 11Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 12Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 13Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Page 10 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
12. DESCRIPTION
12.1. FEATURES
Autonomous operation
Pin compatible with ORG4472 GPS module
OriginGPS Noise Free Zone System (NFZ™) technology
Fully integrating:
Dual-stage GNSS LNAs, GNSS SAW Filter, TCXO, RTC Crystal, RF Shield, GNSS SoC, PMU
Active or Passive antenna support
GPS L1 1575.42 frequency, C/A code
GLONASS L1 FDMA 1598-1606MHz frequency band, SP signal
SBAS (WAAS, EGNOS, MSAS) and QZSS support
Concurrent tracking of multiple constellations
52 channels
Ultra-high Sensitivity down to -165dBm enabling Indoor Tracking
TTFF of < 1s in 50% of trials under Hot Start conditions
Low Power Consumption of < 15mW in ATP™ mode
High Accuracy of < 1.5m in 50% of trials
High update rate of 5Hz, 1Hz by default
Autonomous A-GNSS by Client Generated Extended Ephemeris (CGEE™) for non-networked devices
Predictive A-GNSS by Server Generated Extended Ephemeris (SGEE™) for connected devices
Ephemeris Push™ for storing and loading broadcast ephemeris
Host controlled power saving mode
Self-managed low power modes - ATP™, PTF™, APM™ and SiRFAware™ MPM
Almanac Based Positioning (ABP™)
Multipath and cross-correlation mitigation
Active Jammer Detector and Remover
Smart Data Logging to external memory
Fast Time Synchronization for rapid single satellite time solution
ARM7® microprocessor system
Selectable UART, SPI or I²C host interface
NMEA protocol by default, switchable into One Socket Protocol (OSP®)
Programmable baud rate and messages rate
1PPS output
Smart sensors auxiliary I²C interface
Flash memory auxiliary SPI interface
Antenna input matched 50Ω
Single voltage supply
Miniature LGA footprint of 7mm x 7mm
Ultra-low height of
Ultra-low weight of
Surface Mount Device (SMD)
Optimized for automatic assembly and reflow equipment
Operating from -40°C to +85°C
FCC, CE, VCCI certified
RoHS II/REACH compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com