Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 7Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 8Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 9Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 10Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 11Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 12Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 13Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 14Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Page 11 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
12.2. ARCHITECTURE
1PPS
BB Power
RF Power
UART / SPI /I2C
RTC
TCXO
POR
LNA
GPS
Search / Track
Correlator
Engine
Sample
RAM
Embedded
Processor
Subsystem
ROM / RAM
SAW Filter
ON OFF
RESET
WAKEUP
Power
Management
HOST
VCC = 1.8V
RF in
SiRFstarV™ 5e GNSS SoC
LNA
FIGURE 1 – ORG4572 STANDARD ARCHITECTURE
GNSS SAW Filter
Band-Pass SAW filter eliminates out-of-band signals that may interfere to GNSS reception.
GNSS SAW filter is optimized for low insertion-loss in GNSS band and low return-loss outside it.
GNSS LNA
The integrated LNAs amplifies the GNSS signal to meet RF down converter input threshold.
Noise Figure optimized design was implemented to provide maximum sensitivity.
TCXO
Highly stable 26 MHz oscillator controls the down conversion process in RF block of the GNSS SoC.
Characteristics of this component are important factors for higher sensitivity, shorter TTFF and better
navigation stability.
RTC crystal
Tuning fork quartz crystal with very tight specifications is necessary for maintaining Hot Start and
Warm Start capabilities of the module.
RF Shield
RF enclosure avoids external interference from compromising sensitive circuitry inside the module.
RF shield also blocks module’s internal high frequency emissions from being radiated.
SiRFstarV™ 5e GNSS SoC
CSR 5e is a 5-th generation SiRFstar™ product.
It is a hybrid positioning processor that combines GPS, GLONASS, SBAS and MEMS sensor data to
provide a high performance navigation solution.
SiRFstarV™ 5e is a full SoC built on a low-power RF CMOS single-die, incorporating GNSS RF, GNSS
baseband, integrated navigation solution software and ARM® processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com