Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-TR2 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-TR2
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-TR2 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-TR2 Datasheet HTML 20Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 21Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 22Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 23Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 24Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 25Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 26Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 27Page - List of Unclassifed Manufacturers ORG4572-R01-TR2 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Page 24 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
17.2. POWER SUPPLY
It is recommended to keep the power supply on all the time in order to maintain RTC block active and
keep satellite data in RAM for fastest possible TTFF.
When VCC is removed settings are reset to factory default and the receiver performs Cold Start on next
power up.
17.2.1. VCC
VCC is 1.8V ±5% DC and must be provided from regulated power supply.
Inrush current is up to 150mA for about 20µs duration, VCC can be dropped down to 1.66V.
Typical ICC during acquisition is 55mA on R01 standard ordering option.
Lower acquisition current is possible disabling GLONASS radio path by software command.
During tracking the processing is less intense compared to acquisition, therefore power
consumption is lower.
Maximum ICC current in Hibernate state is 54µA, while all I/O lines externally held in Hi-Z state.
Output capacitors are critical when powering ORG4572 from switch-mode power supply.
Filtering is important to manage high alternating current flows on the power input connection.
An additional LC filter on ORG4572 power input may be needed to reduce system noise.
The high rate of ORG4572 input current change requires low ESR bypass capacitors.
Additional higher ESR output capacitors can provide input stability damping.
The ESR and size of the output capacitors directly define the output ripple voltage with a given
inductor size. Large low ESR output capacitors are beneficial for low noise.
Voltage ripple below 50mVPP allowed for frequencies between 100KHz to 1MHz.
Voltage ripple below 15mVPP allowed for frequencies above 1MHz.
Higher voltage ripple may compromise ORG4572 performance.
17.2.2. GROUND
Ground pads must be connected to host PCB Ground with shortest possible traces or vias.
17.3. RF INPUT
RF input impedance is 50Ω, DC blocked up to ±25V.
Multi Spider ORG4572, supporting active or passive antennas.
17.3.1. PASSIVE ANTENNA
R01 standard ordering option incorporating dual-stage LNA is highly recommended for design
with passive antenna, due to it’s ultimate sensitivity.
Short trace of 50Ω controlled impedance should conduct GNSS signal from antenna to RF_IN pad.
In design with passive antenna attention should be paid on antenna layout.
17.3.2. ACTIVE ANTENNA
Active antenna net gain including conduction losses should not exceed +25dB.
DC bias voltage for active antenna can be externally applied on RF_IN trace through bias-T.
DC bias voltage can be controlled by WAKEUP output through MOSFET or load switch.
In design with external LNA power enable can be controlled by ORG4572 WAKEUP output that
by following module’s power states assists reducing overall system current consumption.
17.4. CONTROL INTERFACE
17.4.1. ON_OFF
ON_OFF input is used to switch ORG4572 between different power states:
While in Hibernate state, an ON_OFF pulse will initiate transfer into Full Power state.
While in ATP™ mode, an ON_OFF pulse will initiate transfer into Full Power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com